AI

The **SD25-470-R** is a high-performance, low-profile, shielded drum core inductor manufactured by **Eaton (formerly Cooper Bussmann/Coiltronics)**. It is part of the SD25 series, widely used in power management circuits where space is limited and electromagnetic interference (EMI) must be minimized.
---
### 1. Key Technical Specifications
The part number "SD25-470-R" encodes specific technical data:
| Parameter | Value / Description |
| :--- | :--- |
| **Inductance** | 47.0 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.287 Ω (Typical) |
| **Rated Current (Irms)** | 0.88 Amps (Temperature rise base) |
| **Saturation Current (Isat)** | 0.84 Amps (Inductance drop base) |
| **Shielding** | Ferrite Drum Core (Magnetic Shielding) |
| **Configuration** | Surface Mount (SMD) |
---
### 2. Physical Characteristics
* **Dimensions:** Approximately 5.2mm x 5.2mm with a height of 2.5mm.
* **Construction:** It features a ferrite core with a metallic shield around the windings. This design traps the magnetic flux, preventing it from interfering with nearby components.
* **Packaging:** Supplied on Tape and Reel (indicated by the "-R" suffix) for automated SMT assembly.
---
### 3. Core Functions & Applications
The SD25-470-R is primarily used as an energy storage or filtering element in the following scenarios:
#### Common Use Cases:
* **DC-DC Converters:** Used in Buck (step-down), Boost (step-up), and SEPIC topologies.
* **Filtering:** Acts as a low-pass filter to smooth out ripple current in power supplies.
* **Portable Electronics:** Ideal for smartphones, tablets, and wearables due to its low profile (2.5mm).
* **Noise Suppression:** The magnetic shielding makes it suitable for EMI-sensitive environments like RF modules or sensor interfaces.
---
### 4. Circuit Symbol and Implementation
In a schematic, it is represented by the standard inductor symbol. Below is a conceptual example of its placement in a switching regulator:
```mermaid
graph LR
Vin(Input Voltage) --> Inductor[SD25-470-R]
Inductor --> Vout(Smooth Output)
Switching_IC -- Controls --> Inductor
```
---
### 5. Selection Considerations
When designing with the SD25-470-R, engineers must consider:
1. **Saturation:** If the current exceeds 0.84A, the inductance will drop significantly, potentially causing the circuit to fail or overheat.
2. **Thermal Management:** The Irms rating (0.88A) indicates the current at which the part will heat up by approximately 40°C above ambient temperature.
3. **Footprint Compatibility:** Ensure the PCB pads match the 5.2mm square footprint.
- ⤷
What are the alternatives to the SD25-470-R if a higher saturation current is needed?
- ⤷ How does the 'shielded' nature of this inductor impact PCB layout compared to unshielded versions?
- ⤷ Can this inductor be used in high-frequency switching power supplies above 1MHz?