SD25-681-R
AI

The **SD25-681-R** is a member of the SD series of shielded drum core inductors, primarily manufactured by **Eaton (formerly Cooper Bussmann/Coiltronics)**. These components are designed for high-density applications where electromagnetic interference (EMI) shielding and power efficiency are critical.
---
### 1. Key Specifications
Below are the technical parameters for the **SD25-681-R**:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 680 µH (Microhenries) |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~1.62 Ω (Typical) |
| **Saturation Current ($I_{sat}$)** | 0.283 A (Amps) |
| **RMS Current ($I_{rms}$)** | 0.407 A (Amps) |
| **Package / Case** | SD25 (7.2mm x 7.2mm x 2.5mm) |
| **Shielding** | Magnetically Shielded |
---
### 2. Physical Construction
The part is built using specific materials to balance size and performance:
* **Core Material:** Ferrite drum core.
* **Shielding:** A ferrite sleeve surrounds the winding, which minimizes the magnetic field leakage, preventing the inductor from interfering with nearby sensitive components on the PCB.
* **Mounting:** Surface Mount Device (SMD).
* **RoHS Compliance:** The "-R" suffix indicates that the part is fully compliant with RoHS (Restriction of Hazardous Substances) standards.
---
### 3. Electronic Behavior & Function
The SD25-681-R serves several critical roles in an electronic circuit:
#### A. Energy Storage
In DC-DC converters (Buck or Boost), this inductor stores energy in its magnetic field during the "ON" cycle of a switch and releases it during the "OFF" cycle to maintain a steady output voltage.
#### B. Noise Filtering (Low-Pass Filter)
Due to its high inductance (680 µH), it is highly effective at blocking high-frequency AC noise while allowing DC current to pass. It is often used in power supply lines to smooth out ripples.
#### C. High Saturation Characteristics
The "SD" series is known for a "soft" saturation curve. This means the inductance drops gradually as the current increases, rather than dropping off suddenly, which provides a safety margin in over-current situations.
---
### 4. Typical Applications
* **Consumer Electronics:** Digital cameras, media players, and handheld GPS units.
* **Computing:** DC-DC converters for motherboards and servers.
* **Battery Powered Devices:** Ideal for small devices due to the low-profile 2.5mm height.
* **LED Drivers:** Providing constant current for lighting applications.
- ⤷
What is the difference between Isat and Irms in the context of this inductor?
- ⤷ Can this inductor be used in high-frequency switching power supplies above 1MHz?
- ⤷ How does magnetic shielding affect the placement of this component on a PCB?