AI

## SD3110-101-R Component Overview
The **SD3110-101-R** is a high-performance, low-profile power inductor manufactured by **Eaton (formerly Bussmann)**. It belongs to the SD3110 series, which is designed for applications requiring compact footprints and high efficiency.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 100 µH |
| **Tolerance** | ±20% |
| **Inductance Code** | 101 (10 x 10^1) |
| **DC Resistance (DCR)** | 4.54 Ω (Typical) |
| **Saturation Current ($I_{sat}$)** | 0.22 A |
| **RMS Current ($I_{rms}$)** | 0.33 A |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Shielded (Magnetic) |
---
### 2. Physical Characteristics
* **Dimensions:** Approximately 3.1mm x 3.1mm with a very low height of **1.0mm**.
* **Construction:** Ferrite drum core and ring core. The shielding minimizes electromagnetic interference (EMI), which is critical for densely packed circuit boards.
* **Mounting:** Surface Mount Device (SMD).
* **Compliance:** RoHS compliant and Lead-free.
---
### 3. Functional Breakdown
* **Inductance (100 µH):** Acts as energy storage in the form of a magnetic field. In a DC-DC converter, it smooths out the output current.
* **Magnetic Shielding:** The "closed" magnetic circuit ensures that the magnetic flux stays within the component. This prevents the inductor from interfering with nearby sensitive components (like microcontrollers or RF circuits).
* **Low Profile (1.0mm):** The "10" in the part number signifies the 1.0mm height, making it ideal for ultra-thin devices like smartphones, wearables, and thin IoT modules.
---
### 4. Common Applications
Due to its small size and shielded nature, the SD3110-101-R is typically found in:
1. **DC-DC Converters:** Buck, Boost, and SEPIC converters.
2. **Portable Electronics:** Mobile phones, digital cameras, and tablets.
3. **LED Drivers:** Providing constant current for backlighting or flashlights.
4. **Battery Powered Devices:** Where high efficiency and space-saving are priorities.
---
- ⤷
What is the difference between Saturation Current and RMS Current for this inductor?
- ⤷ Can I use a non-shielded alternative if EMI is not a concern?
- ⤷ How does the 100uH inductance value affect the ripple current in a buck converter?