SD3114-151-R
AI

## Technical Overview: SD3114-151-R
The **SD3114-151-R** is a high-performance, low-profile power inductor designed for surface-mount (SMD) applications. It belongs to the **SD3114 series** manufactured by Eaton (formerly Bussmann).
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 150 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 4.410 Ω (Typical) |
| **Rated Current (Irms)** | 0.237 Amperes |
| **Saturation Current (Isat)** | 0.224 Amperes |
| **Shielding** | Shielded (Magnetic) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Physical Characteristics
The "3114" in the part number refers to its physical dimensions, which are critical for compact PCB layouts.
* **Footprint:** Approximately 3.1mm x 3.1mm.
* **Height:** 1.45mm (Max).
* **Packaging:** Tape and Reel (indicated by the "-R" suffix).
* **Core Material:** Ferrite, which provides high efficiency and low core losses.
---
### 3. Electronic Function & Features
The SD3114-151-R is engineered for modern power management circuits:
* **Magnetic Shielding:** The part is shielded to minimize Electromagnetic Interference (EMI). This is vital for high-density boards where components are placed close together.
* **High Power Density:** Despite its small 3x3mm footprint, it handles significant energy, making it ideal for space-constrained electronics.
* **Low Core Loss:** Ferrite construction ensures that energy wasted as heat is kept to a minimum during high-frequency switching.
---
### 4. Typical Applications
This component is commonly found in battery-powered and portable devices, including:
1. **DC-DC Converters:** Used in "Buck" (step-down) or "Boost" (step-up) regulators.
2. **LED Drivers:** Providing stable current to high-brightness LEDs.
3. **Smartphones & Tablets:** Powering internal subsystems like RF modules or displays.
4. **Wearables:** Due to its ultra-low profile (1.4mm height).
---
### 5. Part Number Breakdown
`SD3114 - 151 - R`
* **SD3114:** Series identifier (Size: 3.1 x 3.1 x 1.4 mm).
* **151:** Inductance value code. The first two digits (15) are the value, and the third (1) is the number of zeros. (150 µH).
* **-R:** RoHS compliant and Tape/Reel packaging.
- ⤷
What is the difference between Irms and Isat for this inductor?
- ⤷ Are there alternative inductors with a lower DCR in the same size?
- ⤷ How does the shielding affect EMI in sensitive circuits?