SD3114-8R2-R
AI

### SD3114-8R2-R Electronic Component Overview
The **SD3114-8R2-R** is a low-profile, shielded surface-mount (SMD) power inductor. It is part of the SD3114 series manufactured by **Eaton (formerly Cooper Bussmann)**. These inductors are specifically designed for applications where space is limited and electromagnetic interference (EMI) must be minimized.
---
### Key Specifications
Below are the technical parameters that define the performance of the SD3114-8R2-R:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 8.2 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 0.94 A (Typical) |
| **Saturation Current (Isat)** | 0.82 A |
| **DC Resistance (DCR)** | 0.235 Ω (Typical) |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | 3.1mm x 3.1mm x 1.4mm |
| **Shielding** | Shielded (Ferrite Core) |
---
### Core Features and Construction
1. **Magnetic Shielding:** The component features a ferrite drum and ring core construction. This "shielding" ensures that the magnetic flux is contained within the component, reducing interference with neighboring components on the PCB.
2. **Low Profile:** With a height of only **1.4mm**, it is ideal for ultra-thin electronics like smartphones, tablets, and wearable devices.
3. **High Power Density:** Despite its small footprint (3.1mm footprint), it handles a relatively high current for its size.
4. **RoHS Compliant:** The "-R" suffix indicates that the part is lead-free and complies with RoHS standards.
---
### Typical Applications
This inductor is commonly used in power management circuits, specifically:
* **DC-DC Converters:** Used as energy storage elements in Buck (step-down) or Boost (step-up) converters.
* **Mobile Devices:** Powering CPUs or peripheral rails in handheld electronics.
* **LED Drivers:** Providing stable current for display backlighting.
* **Noise Filtering:** Used in LC filters to smooth out ripple voltage in power lines.
---
### Footprint Example (Recommended Land Pattern)
```markdown
[3.20mm]
<------>
+------+ ---
| [PAD] | ^
| | 3.20mm
| [PAD] | v
+------+ ---
```
*(Note: Always refer to the official Eaton datasheet for exact PCB land pattern dimensions before manufacturing.)*
- ⤷What is the difference between Irms and Isat for this inductor?
- ⤷ What are the recommended alternatives if this part is out of stock?
- ⤷ How does the temperature affect the inductance of the SD3114-8R2-R?