SD3812-101-R
AI

## Electronic Specifications: SD3812-101-R
The **SD3812-101-R** is a low-profile, shielded drum core power inductor manufactured by **Eaton (formerly Bussmann)**. It is specifically designed for applications where space is limited and EMI (Electro-Magnetic Interference) needs to be minimized.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics for this specific part number:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 100 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR) Typical** | 2.16 Ω |
| **DC Resistance (DCR) Max** | 2.59 Ω |
| **Saturation Current ($I_{sat}$)** | 0.22 Amps |
| **RMS Current ($I_{rms}$)** | 0.322 Amps |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Magnetically Shielded |
---
### 2. Physical Characteristics
The "3812" in the part number refers to the physical dimensions of the component.
* **Dimensions:** Approximately 4.0mm x 4.0mm.
* **Height:** 1.2mm (Maximum).
* **Mounting Type:** Surface Mount (SMD/SMT).
* **Construction:** Ferrite drum core with a ferrite sleeve to reduce EMI.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
| Segment | Meaning |
| :--- | :--- |
| **SD** | Series Prefix (Shielded Drum Inductor) |
| **3812** | Size Code (Approx 3.8mm wide, 1.2mm high) |
| **101** | Inductance Code (10 + one zero = 100µH) |
| **-R** | RoHS Compliant |
---
### 4. Typical Applications
Due to its small footprint and shielding, the SD3812-101-R is commonly found in:
* **Mobile Devices:** Smartphones and tablets.
* **Buck/Boost Converters:** DC-to-DC power conversion.
* **LED Drivers:** Small-scale lighting circuits.
* **Wearables:** Devices requiring ultra-low profile components.
- ⤷
What is the difference between Isat and Irms for this inductor?
- ⤷ Are there alternative inductors with higher current ratings in the same footprint?
- ⤷ How does the shielding in this part affect its EMI performance?