SD3812-8R2-R
AI

The **SD3812-8R2-R** is a high-performance, low-profile power inductor manufactured by **Eaton (formerly Cooper Bussmann)**. It is part of the SD3812 series, designed for space-constrained electronic applications.
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 8.2 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.134 Ω (Typical) |
| **Saturation Current (Isat)** | 1.10 A |
| **RMS Current (Irms)** | 1.14 A |
| **Shielding** | Shielded (Magnetic) |
| **Mounting Type** | Surface Mount (SMD) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Physical Characteristics
The part number itself reveals the physical dimensions of the component:
* **SD38**: Indicates the series family.
* **12**: Represents the maximum height of the component (**1.2 mm**).
* **8R2**: Represents the inductance value (8.2 µH).
* **R**: Indicates compliance with RoHS standards.
**Dimensions:** 4.0 mm x 4.0 mm x 1.2 mm.
---
### 3. Core Features and Benefits
* **Magnetic Shielding:** The inductor is magnetically shielded, which minimizes Electromagnetic Interference (EMI). This is critical for dense PCB layouts where components are close to sensitive analog circuits.
* **Low Profile:** At only 1.2mm tall, it is ideal for "thin" electronics like smartphones, tablets, and wearable tech.
* **Ferrite Core:** Utilizes a ferrite core material which provides high efficiency and low core losses at high frequencies.
* **High Power Density:** Despite its small footprint, it handles relatively high current (over 1 Amp) compared to its size.
---
### 4. Typical Applications
The SD3812-8R2-R is commonly used in DC-DC converter circuits. Specific use cases include:
1. **Buck/Boost Converters:** Voltage regulation in portable handheld devices.
2. **LCD Displays:** Powering the backlight or driver circuitry.
3. **LED Drivers:** Providing stable current for high-brightness LEDs.
4. **Computer Peripherals:** Used in SSDs, network cards, and compact motherboard components.
---
### 5. Equivalent/Alternative Parts
If this specific part is unavailable, engineers often look for these alternatives with similar footprints:
* **Bourns:** SRN4012 series
* **TDK:** VLS4012 series
* **Taiyo Yuden:** NR4012 series
- ⤷What is the difference between Isat and Irms in this inductor?
- ⤷ How does the 1.2mm height affect its thermal performance?
- ⤷ Can this inductor be used in automotive applications?