AI

The **SD3814-101-R** is a high-performance, low-profile power inductor manufactured by **Eaton (formerly Cooper Bussmann)**. It belongs to the SD3814 series, which is designed for applications requiring compact footprints and high power density.
---
### ## Technical Specifications
The part number follows a specific nomenclature. In this case, **"101"** represents the inductance value, and **"R"** indicates RoHS compliance.
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 100 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 1.82 Ω (Typ) |
| **Rated Current ($I_{rms}$)** | 0.42 Amps |
| **Saturation Current ($I_{sat}$)** | 0.52 Amps |
| **Dimensions** | 3.8mm x 3.8mm x 1.4mm |
| **Shielding** | Magnetically Shielded |
---
### ### Key Electronic Characteristics
1. **Magnetic Shielding:** The component is shielded, which minimizes electromagnetic interference (EMI). This is critical for dense PCB layouts where components are placed close to sensitive analog circuits or communication modules.
2. **Low Profile:** With a height of only **1.4mm**, it is ideal for ultra-thin electronics like smartphones, tablets, and wearables.
3. **Ferrite Core Construction:** The use of a ferrite core ensures high efficiency and low core losses at high frequencies.
4. **Surface Mount Design (SMD):** It is designed for automated pick-and-place assembly, featuring robust soldering pads.
---
### ### Common Applications
The SD3814-101-R is typically found in power management stages of portable devices:
* **DC-DC Converters:** Used in Buck, Boost, or SEPIC topologies to store energy.
* **LED Drivers:** Providing constant current for backlight displays.
* **Battery Powered Devices:** Helping to regulate voltage from Li-ion batteries to internal chips (CPUs, Sensors).
* **Noise Filtering:** Acting as a low-pass filter to smooth out ripples in power lines.
---
### ### Equivalent Logic (Part Number Breakdown)
To understand variations of this part, use this logic:
```text
SD 38 14 - 101 - R
| | | | |
| | | | +-- RoHS Compliant
| | | +------- Inductance (10 + 1 zero = 100uH)
| | +------------- Height (1.4mm)
| +------------------ Footprint (3.8mm x 3.8mm)
+----------------------- Series Name
```
- ⤷What are the recommended operating temperature ranges for the SD3814 series?
- ⤷ Can this inductor be used in automotive applications?
- ⤷ What is the difference between Saturation Current and Rated Current for this part?