SD3814-2R2-R
AI

## SD3814-2R2-R Electronic Component Overview
The **SD3814-2R2-R** is a low-profile, high-power density surface-mount (SMD) power inductor. It is part of the SD3814 series manufactured by **Eaton (formerly Bussmann)**. These inductors are specifically designed for applications where space is limited and high efficiency is required.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 2.2 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.052 Ω (Typical) |
| **Saturation Current (Isat)** | 2.15 A |
| **RMS Current (Irms)** | 1.83 A |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | 4.0mm x 4.0mm x 1.4mm |
---
### 2. Physical Construction and Design
* **Shielding:** It is a **shielded inductor**, which means it has a ferrite core construction that minimizes Electromagnetic Interference (EMI). This is crucial for densely packed circuit boards.
* **Form Factor:** The "3814" in the part number refers to its dimensions (approx. 3.8mm to 4.0mm footprint and 1.4mm height). The low 1.4mm profile makes it ideal for ultra-thin electronics like smartphones or wearable tech.
* **Material:** It uses a ferrite drum and sleeve core for high efficiency and stable performance across frequency ranges.
---
### 3. Common Applications
Due to its balance of small size and current-handling capability, the SD3814-2R2-R is commonly found in:
1. **DC-DC Converters:** Used as a storage element in buck, boost, or buck-boost regulators.
2. **Mobile Devices:** Power management in smartphones, tablets, and handheld GPS units.
3. **Battery Powered Equipment:** Ideal for portable devices due to low DCR (which improves battery life by reducing heat loss).
4. **LED Drivers:** Used in backlighting circuits for small displays.
---
### 4. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **SD** | Series Name (Shielded Drum Inductor) |
| **3814** | Dimensional code (Approx. 3.8x3.8x1.4mm) |
| **2R2** | Inductance value (2.2 µH; 'R' acts as decimal point) |
| **-R** | RoHS compliant / Lead-free |
---
- ⤷
What is the difference between Isat and Irms for this inductor?
- ⤷ Are there alternative inductors with a smaller footprint than the 3814 series?
- ⤷ How does the shielding in this part affect its EMI performance?