Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SD53-220-R

  • AI
    ### Technical Overview of SD53-220-R The **SD53-220-R** is a high-performance, shielded surface-mount (SMD) power inductor commonly used in DC-DC converters and power supply filtering. It belongs to the SD53 series manufactured by Eaton (formerly Cooper Bussmann/Coiltronics). --- ### 1. Key Technical Specifications | Parameter | Value | Description | | :--- | :--- | :--- | | **Inductance** | 22.0 µH | Nominal inductance at 100 kHz | | **Tolerance** | ±20% | Deviation from nominal inductance | | **DCR (Max)** | 0.129 Ω | Maximum DC Resistance (129 mΩ) | | **Irms** | 1.14 A | RMS Current (Thermal limit) | | **Isat** | 1.18 A | Saturation Current (Inductance drop limit) | | **Dimensions** | 5.2 x 5.2 x 3.0 mm | Physical footprint and height | --- ### 2. Core Features and Construction * **Magnetic Shielding:** The "SD" series stands for Shielded Drum. The magnetic flux is contained within the component, which minimizes Electromagnetic Interference (EMI) with surrounding components. * **Ferrite Core:** Utilizes a high-permeability ferrite material that allows for high efficiency and low core losses. * **Compact Footprint:** The 5.2mm x 5.2mm size is ideal for space-constrained designs like handheld electronics. * **RoHS Compliant:** The "-R" suffix indicates that the part is lead-free and compliant with environmental regulations. --- ### 3. Functional Roles in Circuitry The SD53-220-R typically serves three primary functions in electronic circuits: 1. **Energy Storage:** In Buck or Boost converters, it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle to provide a steady output voltage. 2. **Filtering:** It acts as a low-pass filter to smooth out ripple current and block high-frequency noise from switching power supplies. 3. **Decoupling:** Prevents noise from one part of a circuit from affecting other sensitive sections. --- ### 4. Typical Applications * **Consumer Electronics:** Laptops, tablets, and digital cameras. * **LED Drivers:** Providing constant current for lighting solutions. * **DC-DC Converters:** Point-of-load (POL) power modules. * **Portable Medical Devices:** Where small size and low EMI are critical. ---
    ✨ Follow-up Questions
    • ⤷ What are the alternative inductors with higher current ratings in the SD53 series?
    • ⤷ How does the 'Isat' rating affect the performance of this inductor in a buck converter?
    • ⤷ What is the recommended solder pad layout for the SD53-220-R?