SD6030-151-R
AI

The **SD6030-151-R** is a high-performance, shielded surface-mount (SMD) power inductor. It is part of the SD6030 series manufactured by **Eaton (formerly Coiltronics)**. These components are primarily used for energy storage and filtering in DC-DC converters and power supplies.
---
## 1. Technical Specifications
The part number "151" indicates the inductance value, while the "R" indicates compliance with RoHS standards.
| Feature | Specification |
| :--- | :--- |
| **Inductance** | 150 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.540 Ω (Max) |
| **Irms (Rated Current)** | 0.65 Amps |
| **Isat (Saturation Current)** | 0.72 Amps |
| **Dimensions (L x W x H)** | 6.0mm x 6.0mm x 3.0mm |
| **Shielding** | Magnetically Shielded |
---
## 2. Key Internal Components
### A. Ferrite Core
The inductor uses a ferrite drum core. Ferrite is used because of its high magnetic permeability and low electrical conductivity, which reduces "eddy current" losses at high frequencies.
### B. Magnetic Shielding
The "SD" in the series stands for Shielded. The core is encased in a ferrite-epoxy resin.
* **Purpose:** It minimizes Electromagnetic Interference (EMI) by containing the magnetic flux within the component.
* **Benefit:** Allows the part to be placed close to sensitive components without causing noise interference.
### C. Copper Winding
High-purity copper wire is wound around the core. The thickness of this wire determines the **DCR** (DC Resistance) and the **Irms** (current carrying capacity before overheating).
---
## 3. Physical Footprint & Construction
The SD6030 uses a square base design which provides high mechanical stability during PCB assembly.
* **Construction:** Ferrite drum and ring core construction.
* **Termination:** Lead-free (RoHS compliant) tin-plated copper terminals.
* **Operating Temperature:** Typically rated for **-40°C to +125°C**, making it suitable for industrial environments.
---
## 4. Typical Applications
Because of its 150µH inductance and 3mm low-profile height, it is commonly found in:
1. **Buck/Boost Converters:** Stepping voltage up or down in battery-powered devices.
2. **LED Drivers:** Providing constant current for lighting circuits.
3. **Noise Filtering:** Acting as a choke to remove high-frequency noise from power lines.
4. **LCD Displays:** Used in the power management units of small to medium screens.
- ⤷What is the difference between Irms and Isat for this inductor?
- ⤷ Are there alternative inductors with a smaller footprint but similar inductance?
- ⤷ How does the shielding affect the EMI performance in a PCB layout?