SD6030-221-R
AI

The **SD6030-221-R** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converters and power management circuits. It is manufactured by **Eaton (formerly Cooper Bussmann)**.
---
## 1. Technical Specifications
The part number follows a specific nomenclature where "6030" refers to the dimensions and "221" refers to the inductance value.
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 220 µH |
| **Inductance Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~0.742 Ω (Typical) |
| **Isat (Saturation Current)** | ~0.62 Amps |
| **Irms (Rated Current)** | ~0.65 Amps |
| **Dimensions (L x W x H)** | 6.0mm x 6.0mm x 3.0mm |
| **Shielding** | Shielded (Magnetic) |
| **Operating Temperature** | -40°C to +125°C |
---
## 2. Key Features and Construction
* **Magnetic Shielding:** The inductor is magnetically shielded, which minimizes Electromagnetic Interference (EMI) with surrounding components. This makes it ideal for high-density PCB layouts.
* **Ferrite Core:** It utilizes a ferrite core construction, providing high efficiency and low core losses at switching frequencies.
* **Reflow Compatibility:** Designed for infrared (IR) and vapor phase reflow soldering processes.
* **RoHS Compliant:** The "-R" suffix indicates that the part is lead-free and complies with RoHS standards.
---
## 3. Common Applications
This specific inductor value (220 µH) is typically used for filtering and energy storage in:
1. **Buck/Boost Converters:** Stepping voltage up or down in battery-powered devices.
2. **LED Drivers:** Maintaining constant current for lighting applications.
3. **LCD Displays:** Powering backlighting modules.
4. **Computer Peripherals:** Localized power regulation on motherboards or expansion cards.
---
## 4. Part Number Breakdown
```text
SD 60 30 - 221 - R
| | | | |
| | | | +-- RoHS Compliant
| | | +------- Inductance Value (22 + 1 zero = 220uH)
| | +------------ Height (3.0 mm)
| +--------------- Width/Length (6.0 mm)
+------------------ Product Series (Standard Drum Inductor)
```
- ⤷What is the difference between Isat and Irms for this inductor?
- ⤷ Are there alternative inductors with a lower DCR in this same size?
- ⤷ How does magnetic shielding impact the PCB layout for the SD6030 series?