AI

### SD6030-2R7-R Component Overview
The **SD6030-2R7-R** is a high-performance, low-profile, shielded surface-mount (SMD) power inductor. It is part of the SD6030 series, commonly manufactured by Eaton (formerly Cooper Bussmann/Coiltronics). These inductors are designed for applications where space is limited and electromagnetic interference (EMI) must be minimized.
---
### Key Specifications
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 2.7 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 3.55 Amps |
| **Saturation Current (Isat)** | 3.20 Amps |
| **DC Resistance (DCR)** | 27.3 mΩ (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Dimensions (LxWxH)** | 6.0mm x 6.0mm x 3.0mm |
| **Shielding** | Magnetically Shielded |
---
### Technical Features and Construction
1. **Magnetic Shielding**: The "shielded" design ensures that the magnetic flux is contained within the component. This reduces EMI, making it ideal for high-density boards near sensitive components like microprocessors or RF modules.
2. **Ferrite Core**: It utilizes a ferrite drum core with a ring sleeve, providing high efficiency and low core losses at high frequencies.
3. **Low Profile**: With a height of only 3.0mm, it is suitable for thin electronic devices like tablets, SSDs, and handheld instruments.
4. **Isat vs. Irms**:
* **Irms (3.55A)**: The current that causes a 40°C temperature rise.
* **Isat (3.20A)**: The current at which the inductance drops by approximately 30% due to core saturation.
---
### Common Applications
* **DC-DC Converters**: Used in buck, boost, and SEPIC topologies for voltage regulation.
* **Battery Powered Equipment**: High efficiency helps prolong battery life in portable electronics.
* **Computing**: Powering chipsets, GPUs, and local rails on motherboards.
* **Consumer Electronics**: Digital cameras, MP3 players, and LED driver circuits.
---
### Example Circuit Integration
In a typical Buck Converter circuit, the inductor is placed after the switching transistors to smooth the output current:
```markdown
[Input Voltage] --> [Switching MOSFETs] --> [SD6030-2R7-R] --> [Output Capacitor] --> [Vout]
```
- ⤷
What is the difference between Isat and Irms in the context of this inductor?
- ⤷ Can this inductor be used in high-frequency switching power supplies above 1MHz?
- ⤷ What are the recommended footprint dimensions for PCB layout?