AI

The **SD7030-100-R** is a high-performance, low-profile, shielded surface-mount (SMD) power inductor. It is part of the SD7030 series manufactured by **Eaton (formerly Coiltronics/Bussmann)**.
---
### ## Technical Specifications
Below are the primary electronic characteristics of the SD7030-100-R:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 10.0 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.038 Ω (Typical) / 0.046 Ω (Max) |
| **Saturation Current ($I_{sat}$)** | 2.53 Amps |
| **RMS Current ($I_{rms}$)** | 2.64 Amps |
| **Operating Temperature** | -40°C to +125°C |
| **Dimensions** | 7.0mm x 7.0mm x 3.0mm |
---
### ### Key Features
1. **Magnetic Shielding:** The part is ferrite-shielded, which minimizes Electromagnetic Interference (EMI). This makes it ideal for densely packed circuit boards where components are close to sensitive signals.
2. **Ferrite Core Material:** Provides high efficiency and low core losses, especially in high-frequency switching applications.
3. **Construction:** It features a robust design with a flat top surface, making it suitable for high-speed automated "pick and place" assembly.
4. **RoHS Compliant:** The "-R" suffix indicates that the part is lead-free and meets RoHS environmental standards.
---
### ### Typical Applications
This inductor is commonly used in DC-DC converters and power management circuits for:
* **Computing:** Laptops, servers, and motherboards.
* **Consumer Electronics:** Handheld devices, LCD displays, and gaming consoles.
* **Industrial:** Power supplies and battery-powered regulators.
* **Telecommunications:** Network switches and base stations.
---
### ### Code Example: Calculating Voltage Drop
To understand how this part behaves in a circuit, you can calculate the voltage drop across the inductor due to its internal resistance (DCR) using Ohm's Law ($V = I \times R$):
```python
# Constants for SD7030-100-R
inductance_uh = 10.0
dcr_max_ohms = 0.046
rms_current_amps = 2.64
def calculate_voltage_drop(current, resistance):
return current * resistance
v_drop = calculate_voltage_drop(rms_current_amps, dcr_max_ohms)
print(f"Voltage drop at max RMS current: {v_drop:.4f} Volts")
```
- ⤷What is the difference between Isat and Irms for this inductor?
- ⤷ What are the common alternatives to the SD7030 series?
- ⤷ How does temperature affect the inductance of the SD7030-100-R?