SD7030-150-R
AI

The **SD7030-150-R** is a high-performance, shielded surface-mount (SMD) power inductor manufactured by **Eaton (formerly Cooper Bussmann)**. It is part of the SD7030 series, widely used in DC-DC converters and power management circuits.
---
### 1. Key Technical Specifications
The part number "150" indicates the inductance value, while the "R" signifies RoHS compliance.
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 15 µH |
| **Tolerance** | ±20% |
| **Rated Current ($I_{rms}$)** | 1.83 Amperes |
| **Saturation Current ($I_{sat}$)** | 1.90 Amperes |
| **DC Resistance (DCR)** | 0.078 Ohms (Typ) |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Magnetic Shielded (Low EMI) |
---
### 2. Physical Dimensions
The SD7030 series follows a specific footprint designed for compact electronic assemblies.
* **Length:** 7.0 mm
* **Width:** 7.0 mm
* **Height:** 3.0 mm (Max)
---
### 3. Core Features & Benefits
* **Magnetic Shielding:** The component is enclosed in a ferrite core, which minimizes electromagnetic interference (EMI). This is critical for noise-sensitive environments like medical or communication devices.
* **High Power Density:** Despite its small 7x7mm footprint, it handles relatively high currents with low energy loss.
* **Ferrite Core Material:** Ensures high efficiency and stable inductance across a wide frequency range.
* **RoHS Compliant:** Lead-free and environmentally friendly construction.
---
### 4. Common Applications
This inductor is typically found in the following power stages:
1. **Buck/Boost Converters:** Used as the energy storage element in voltage regulation.
2. **LED Drivers:** Providing steady current for high-brightness LEDs.
3. **Computers & Peripherals:** Used on motherboards and graphics cards for local power rails.
4. **Battery Powered Equipment:** Handheld devices where space and efficiency are priorities.
---
### 5. Part Number Breakdown
```text
SD 7030 - 150 - R
| | | |_ RoHS Compliant
| | |______ Inductance Code: 15 + 0 zeros = 15µH
| |_____________ Size Dimensions (7.0 x 7.0 x 3.0 mm)
|_________________ Product Series (Shielded Drum Core)
```
- ⤷What is the difference between $I_{rms}$ and $I_{sat}$ for this inductor?
- ⤷ What are the recommended landing patterns for the SD7030 series?
- ⤷ Are there automotive-grade alternatives to the SD7030-150-R?