AI

## Detailed Overview of SD7030-221-R
The **SD7030-221-R** is a high-performance, shielded surface-mount (SMD) power inductor. It is manufactured by **Eaton (formerly Cooper Bussmann)** and is part of the SD7030 series, widely used in power management circuits.
### 1. Key Specifications
The technical performance of this component is defined by its inductance, current ratings, and physical dimensions.
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 220 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.941 Ohms (Max) |
| **Rated Current ($I_{rms}$)** | 0.51 Amps |
| **Saturation Current ($I_{sat}$)** | 0.58 Amps |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Magnetically Shielded |
---
### 2. Physical Characteristics
The "7030" in the part number refers to its physical dimensions, which are critical for PCB layout design.
* **Footprint:** Approximately 7.0mm x 7.0mm.
* **Height:** 3.0mm (Low profile).
* **Mounting Type:** Surface Mount Device (SMD).
* **Construction:** Ferrite core technology with a magnetic shield to minimize Electromagnetic Interference (EMI).
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **SD:** Series name (Shielded Drum Core).
* **7030:** Size code (7.0mm width/length, 3.0mm height).
* **221:** Inductance code. The first two digits are significant figures, and the third is the multiplier ($22 \times 10^1 = 220$ µH).
* **R:** RoHS compliant.
---
### 4. Typical Applications
Due to its high inductance and shielded nature, the SD7030-221-R is commonly found in:
1. **DC-DC Converters:** Used for energy storage and filtering in buck or boost regulators.
2. **LED Drivers:** Provides stable current regulation for lighting applications.
3. **Battery Powered Devices:** Ideal for laptops, handheld instruments, and portable electronics where space is limited.
4. **Noise Filtering:** Acts as a low-pass filter to decouple noise from power lines.
---
### 5. Technical Considerations
* **Magnetic Shielding:** The shielding ensures that the magnetic field is contained, which prevents the inductor from interfering with nearby sensitive components on the PCB.
* **Saturation Current ($I_{sat}$):** This is the point where inductance drops by a specified percentage (usually 30%). It is crucial not to exceed this value to avoid circuit instability.
* **Thermal Management:** The $I_{rms}$ rating indicates the current that causes a 40°C temperature rise. Designers must ensure adequate airflow or copper padding for heat dissipation.
- ⤷
What is the difference between saturation current and rated current for this inductor?
- ⤷ Are there smaller footprint alternatives with the same 220uH inductance?
- ⤷ How does the magnetic shielding in the SD7030 series reduce EMI?