SD7030-471-R
AI

The **SD7030-471-R** is a high-performance, shielded surface-mount (SMD) power inductor manufactured by **Eaton (formerly Coiltronics)**. It is part of the SD7030 series, designed for applications requiring high power density and low electromagnetic interference (EMI).
---
### ## Technical Specifications
The part number follows a specific nomenclature that defines its electrical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 470 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 1.340 Ohms (Typical) |
| **RMS Current ($I_{rms}$)** | 0.44 Amps |
| **Saturation Current ($I_{sat}$)** | 0.50 Amps |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | 7.0mm x 7.0mm x 3.0mm |
---
### ## Key Features
1. **Magnetic Shielding:** The "SD" series features a ferrite drum core with a magnetic epoxy resin shield. This significantly reduces EMI, making it suitable for noise-sensitive circuits.
2. **Low Profile:** With a maximum height of 3.0mm, it is ideal for compact consumer electronics and thin PCBs.
3. **High Power Density:** Despite its small footprint, it handles relatively high saturation currents for its size.
4. **RoHS Compliant:** The "-R" suffix indicates that the part is lead-free and meets RoHS environmental standards.
---
### ## Typical Applications
Due to its high inductance (470 µH), this part is commonly used in power management circuits where high voltage conversion or significant filtering is required:
* **DC-DC Converters:** Buck, Boost, and SEPIC topologies.
* **LED Drivers:** Providing constant current for lighting solutions.
* **Battery Powered Devices:** Used in handheld electronics to maximize efficiency.
* **Filtering:** Used in power supply lines to suppress high-frequency noise.
---
### ## Physical Dimensions
The **7030** designation refers to the metric dimensions of the component footprint:
* **Length/Width:** ~7.0 mm x 7.0 mm
* **Height:** 3.0 mm (Max)
- ⤷What is the difference between Isat and Irms for this inductor?
- ⤷ Are there alternative inductors with higher current ratings in the same footprint?
- ⤷ How does the magnetic shielding in the SD7030 series work?