AI

The **SD7030-561-R** is a high-performance, shielded surface-mount (SMD) power inductor part of the SD7030 series, originally manufactured by Eaton (formerly Cooper Bussmann/Coiltronics).
---
## 1. Technical Specifications
The part number "561" indicates its inductance value, and the "R" indicates RoHS compliance.
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 560 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 1.34 Ω (Typical) |
| **Current Rating (Irms)** | 0.38 Amps |
| **Saturation Current (Isat)** | 0.35 Amps |
| **Operating Temperature** | -40°C to +125°C |
| **Dimensions** | 7.0mm x 7.0mm x 3.0mm |
---
## 2. Key Features
### A. Magnetic Shielding
The component is "shielded," meaning it is encased in a ferrite material that contains the magnetic flux. This minimizes Electromagnetic Interference (EMI) with neighboring components on the PCB, which is critical for dense circuit designs.
### B. Low Profile
With a maximum height of 3.0mm, it is designed for compact electronic devices where vertical space is limited.
### C. Construction
* **Core:** Ferrite material.
* **Termination:** Tin-plated copper, suitable for lead-free reflow soldering.
* **Shape:** Square base with a circular top (typical for the SD7030 series).
---
## 3. Common Applications
This inductor is typically used in power management circuits where high inductance is required at lower current levels.
* **DC-DC Converters:** Buck, Boost, and SEPIC topologies.
* **Filtering:** Used in power lines to smooth ripples and reduce noise.
* **Battery Powered Devices:** Laptops, handheld instruments, and IoT sensors.
* **LED Drivers:** Providing stable current for lighting applications.
---
## 4. Part Number Breakdown
Understanding the nomenclature helps in selecting alternatives:
1. **SD:** Series name (Shielded Drum).
2. **7030:** Dimensions (approx. 7.0mm width/length and 3.0mm height).
3. **561:** Inductance code ($56 \times 10^1$ = 560µH).
4. **R:** RoHS compliant (Lead-free).
- ⤷
What are the equivalent replacements for the SD7030-561-R from other manufacturers?
- ⤷ How does the saturation current affect the performance of this inductor in a buck converter?
- ⤷ What is the difference between Irms and Isat ratings for this part?