SD7030-5R0-R
AI

## Technical Overview of SD7030-5R0-R
The **SD7030-5R0-R** is a high-performance, shielded surface-mount (SMD) power inductor. It is part of the SD series manufactured by **Eaton (formerly Cooper Bussmann)**. These inductors are designed for applications requiring high power density and low electromagnetic interference (EMI).
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 5.0 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 3.31 Amps |
| **Saturation Current (Isat)** | 2.84 Amps |
| **DC Resistance (DCR)** | 24.3 mΩ (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | 7.0mm x 7.0mm x 3.0mm |
| **Shielding** | Ferrite Drum Core (Shielded) |
---
### 2. Physical Construction and Features
* **Magnetic Shielding:** The "SD" series utilizes a ferrite drum core with a magnetic epoxy resin shield. This significantly reduces leakage flux, protecting sensitive nearby components from EMI.
* **Low Profile:** With a height of only 3.0mm, it is ideal for thin electronic devices like laptops or handheld instruments.
* **Robust Materials:** Constructed with high-temperature-rated wire and core materials to withstand lead-free reflow soldering processes.
---
### 3. Common Applications
The SD7030-5R0-R is primarily used in power management circuits where efficiency and space are critical:
1. **DC-DC Converters:** Used in Buck, Boost, and SEPIC topologies.
2. **Computing:** Voltage Regulator Modules (VRMs) for CPUs and GPUs in portable computers.
3. **Consumer Electronics:** Power supplies for digital cameras, LED drivers, and handheld gaming consoles.
4. **Industrial:** Battery-powered equipment and distributed power systems.
---
### 4. Part Number Breakdown
The nomenclature for this part follows a specific pattern:
```text
SD 7030 - 5R0 - R
| | | |
| | | └── RoHS Compliant
| | └────── Inductance Value (5R0 = 5.0 µH)
| └───────────── Dimensions (7.0 x 7.0 x 3.0 mm)
└───────────────── Series Name (Shielded Drum Inductor)
```
- ⤷
What is the difference between Irms and Isat for this inductor?
- ⤷ Are there alternative inductors with a lower DCR in the same footprint?
- ⤷ How does the shielding in the SD7030 compare to non-shielded inductors?