SD7030-8R0-R
AI

## SD7030-8R0-R Electronic Component Overview
The **SD7030-8R0-R** is a high-power, shielded surface-mount (SMD) inductor manufactured by **Eaton (formerly Coiltronics)**. It is part of the SD7030 series, known for its low profile and high energy storage capabilities.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature where "8R0" indicates the inductance value.
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 8.0 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.038 Ω (Typical) |
| **Saturation Current ($I_{sat}$)** | 2.50 Amperes |
| **RMS Current ($I_{rms}$)** | 2.72 Amperes |
| **Shielding** | Magnetically Shielded |
| **Package / Case** | 7.0mm x 7.0mm x 3.0mm |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Physical and Material Features
* **Construction:** It features a ferrite core construction which provides a closed magnetic path to minimize Electromagnetic Interference (EMI).
* **Mounting Type:** Surface Mount Device (SMD/SMT), designed for automated pick-and-place assembly.
* **Durability:** The "R" suffix indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards, meaning it is lead-free.
* **Low Profile:** With a maximum height of 3.0mm, it is ideal for thin electronic assemblies.
---
### 3. Common Applications
Due to its high current handling and compact size, the SD7030-8R0-R is commonly found in:
1. **DC-DC Converters:** Used as a storage inductor in buck (step-down) or boost (step-up) regulators.
2. **Power Supplies:** Ideal for VRMs (Voltage Regulator Modules) in laptops and servers.
3. **Consumer Electronics:** Found in digital cameras, handheld gaming consoles, and mobile devices.
4. **LED Drivers:** Used to manage current flow in high-brightness LED circuits.
---
### 4. Part Number Breakdown
```text
SD 70 30 - 8R0 - R
| | | | |
| | | | +-- RoHS Compliant
| | | +--------- Inductance Value (8.0 µH)
| | +---------------- Height (approx. 3.0mm)
| +-------------------- Dimensions (approx. 7.0mm x 7.0mm)
+------------------------ Series Name (Shielded Drum)
```
- ⤷
What are the alternative inductors with similar footprints and higher current ratings?
- ⤷ How does magnetic shielding in this part help with EMI compliance?
- ⤷ What is the peak reflow temperature for soldering the SD7030-8R0-R?