SDH3812-101-R
AI

The **SDH3812-101-R** is a low-profile, shielded surface-mount (SMT) power inductor. It is commonly used in DC-DC converter applications where space is limited and electromagnetic interference (EMI) must be minimized.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical and physical properties:
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 100 µH (Microhenries) |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~1.42 Ω (Typical) |
| **Rated Current (Irms)** | ~0.33 A |
| **Saturation Current (Isat)** | ~0.35 A |
| **Package Size** | 3.8mm x 3.8mm x 1.2mm |
| **Shielding** | Magnetically Shielded |
| **RoHS Status** | Compliant (-R suffix) |
---
### 2. Physical Construction
The "SDH" series is designed for high-density circuit boards. Its construction features include:
* **Ferrite Drum Core:** Provides high permeability for effective energy storage.
* **Magnetic Shielding:** A ferrite sleeve or resin coating surrounds the coil to contain the magnetic field, preventing interference with nearby sensitive components.
* **Low Profile:** The 1.2mm height makes it ideal for ultra-thin electronics like smartphones, tablets, and wearables.
---
### 3. Key Electronic Functions
The SDH3812-101-R performs three primary roles in a circuit:
1. **Energy Storage:** In switching regulators (Buck/Boost converters), it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle.
2. **Filtering:** It works with capacitors to smooth out ripple current, converting a pulsing square wave into a steady DC voltage.
3. **EMI Suppression:** Because it is shielded, it significantly reduces radiated noise that could interfere with RF signals or high-speed data lines.
---
### 4. Common Applications
* **Mobile Devices:** Power management for displays or CPU rails in handheld electronics.
* **IoT Sensors:** Efficient power conversion for battery-operated wireless nodes.
* **LED Drivers:** Providing constant current for backlighting applications.
- ⤷
What is the difference between Saturation Current and Rated Current for this inductor?
- ⤷ How does magnetic shielding affect the performance of the SDH3812-101-R?
- ⤷ Can this inductor be used in high-frequency switching power supplies above 1MHz?