SDM109N-R25MF
AI

The **SDM109N-R25MF** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These components are critical in power management circuits for energy storage and filtering.
---
### 1. Technical Specifications
Below is a breakdown of the typical technical parameters associated with this series:
| Parameter | Description |
| :--- | :--- |
| **Component Type** | Shielded Power Inductor |
| **Inductance** | 0.25 µH (indicated by "R25") |
| **Tolerance** | ±20% (indicated by "M") |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Construction** | Magnetic Shielded (prevents EMI) |
| **Base Material** | Ferrite or Metal Alloy core |
---
### 2. Key Features
* **High Current Capability:** Designed to handle high saturation currents without significant inductance drop.
* **Magnetic Shielding:** The "Shielded" design reduces electromagnetic interference (EMI), which is vital for high-density PCB layouts.
* **Low DC Resistance (DCR):** Minimizes power loss (heat) during operation, increasing overall circuit efficiency.
* **Compact Footprint:** Part of the SDM series, designed for automated pick-and-place assembly.
---
### 3. Application Areas
These inductors are commonly found in the following electronic systems:
1. **DC-DC Converters:** Used in buck, boost, and buck-boost regulators to smooth out current.
2. **Computing Hardware:** Graphics cards (GPUs), motherboards, and server power modules.
3. **Portable Electronics:** Smartphones and tablets where space is limited but high efficiency is required.
4. **Consumer Electronics:** LED drivers and high-definition televisions.
---
### 4. Part Number Breakdown
The nomenclature can generally be decoded as follows:
* **SDM:** Series identifier (Standard Magnetic Shielded Inductor).
* **109N:** Physical dimensions (Width/Length/Height code).
* **R25:** Inductance value (R25 = 0.25 microhenries).
* **M:** Tolerance code (M = ±20%).
* **F:** Lead-free / RoHS compliant finish.
- ⤷
What are the physical dimensions of the 109N package size?
- ⤷ How does a shielded inductor differ from an unshielded one in PCB design?
- ⤷ What is the saturation current rating for the SDM109N-R25MF?