SDM109N-R68MF
AI

## Technical Overview of SDM109N-R68MF
The **SDM109N-R68MF** is a high-performance, surface-mount (SMD) power inductor. It belongs to a class of shielded power inductors designed specifically for high-current applications where efficiency and electromagnetic interference (EMI) control are critical.
### 1. Key Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Inductance** | 0.68 µH |
| **Tolerance** | ±20% (indicated by 'M') |
| **DC Resistance (DCR)** | Typ: ~1.8 mΩ / Max: ~2.1 mΩ (approximate for this series) |
| **Saturation Current (Isat)** | High (typically 25A - 35A range) |
| **Operating Temperature** | -40°C to +125°C |
| **Construction** | Shielded, Magnetic Metal Powder Core |
---
### 2. Core Components and Materials
* **Magnetic Metal Powder:** Unlike traditional ferrite cores, this part uses a composite metal powder. This allows for a "soft saturation" characteristic, meaning the inductance drops gradually as current increases rather than crashing abruptly.
* **Shielded Design:** The inductor is molded, which provides inherent magnetic shielding. This reduces EMI (Electromagnetic Interference) and prevents the inductor from affecting nearby sensitive components on the PCB.
* **Flat Wire/Thick Wire Technology:** To achieve such low DCR (Direct Current Resistance) and high current handling, these parts often utilize heavy-gauge copper wire to minimize power loss through heat.
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying the component's capabilities:
* **SDM:** Series identifier (Shielded Power Inductor).
* **109N:** Physical dimensions (Approx. 10mm x 11mm footprint).
* **R68:** Inductance value ($0.68 \mu H$).
* **M:** Tolerance ($\pm 20\%$).
* **F:** Environmental compliance (RoHS/Lead-Free).
---
### 4. Common Applications
Due to its high current rating and low profile, the SDM109N-R68MF is typically found in:
1. **Voltage Regulator Modules (VRMs):** Powering CPUs and GPUs in servers and high-end PCs.
2. **DC-DC Converters:** Point-of-load (POL) converters where high efficiency is required.
3. **Automotive Electronics:** Infotainment and ADAS systems (if AEC-Q200 qualified).
4. **Battery Powered Systems:** Where low DCR helps extend battery life by reducing heat dissipation.
---
- ⤷
What are the exact physical dimensions (length
- ⤷ width
- ⤷ height) of the 109N package?
- ⤷ How does the saturation current of this metal powder inductor compare to a standard ferrite inductor?
- ⤷ What is the recommended solder reflow profile for this specific component?