SDM119N-R68MF
AI

The **SDM119N-R68MF** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converters and high-current power supplies. It belongs to a class of "Molded Power Inductors" designed for stability and efficiency in compact spaces.
---
### 1. Part Number Deciphering
Understanding the naming convention helps identify the specific electrical properties:
| Segment | Identification | Description |
| :--- | :--- | :--- |
| **SDM** | Series Category | Shielded Power Inductor (Molded Type) |
| **119N** | Physical Size | Dimensions (approx. 11.0 x 10.0 x 9.0 mm) |
| **R68** | Inductance Value | **0.68 µH** (R denotes decimal point) |
| **M** | Tolerance | **±20%** |
| **F** | Environmental | Lead-Free / RoHS Compliant |
---
### 2. Key Technical Specifications
Based on standard industry data for the 119N-R68 series:
* **Inductance:** 0.68 µH.
* **DCR (DC Resistance):** Extremely low (typically < 2.0 mΩ), minimizing heat loss.
* **Saturation Current (Isat):** Very high (often > 40A), meaning the part maintains inductance even under heavy loads.
* **Heating Current (Irms):** High current handling capability based on a 40°C temperature rise.
* **Operating Temperature:** Generally rated from -40°C to +125°C.
---
### 3. Core Features & Construction
#### A. Molded Construction
Unlike traditional wire-wound inductors with an open ferrite core, this part is made by pressing metal powder around the copper coil.
* **Magnetic Shielding:** Naturally shielded, reducing EMI (Electromagnetic Interference).
* **Acoustic Noise:** Reduction in "buzzing" sounds caused by magnetostriction.
#### B. High Saturation Characteristics
The metal powder core allows for "soft saturation," meaning the inductance drops gradually rather than abruptly when current increases. This prevents sudden spikes in circuit current.
---
### 4. Common Applications
Due to its high current capacity and low profile, it is typically found in:
1. **Voltage Regulator Modules (VRM):** For CPUs and GPUs in servers and laptops.
2. **High-current DC/DC Converters:** Point-of-load (POL) power supplies.
3. **Automotive Electronics:** Infotainment and ADAS systems.
4. **Battery Powered Devices:** Where high efficiency is required to extend battery life.
---
### 5. Layout Recommendations
When designing a PCB for the SDM119N-R68MF, consider the following:
```markdown
1. Keep the inductor close to the switching IC to minimize the switching node loop.
2. Use wide copper traces/planes to handle the high saturation current.
3. Avoid placing sensitive signal traces directly underneath the inductor.
```
- ⤷
What are the exact physical dimensions (length/width/height) of the 119N package?
- ⤷ How does the 'soft saturation' of this molded inductor compare to traditional ferrite core inductors?
- ⤷ Which manufacturers produce equivalents to the SDM119N-R68MF?