SDQ12-8R2-R
AI

The **SDQ12-8R2-R** is a specific surface-mount (SMD) power inductor part number, typically manufactured by **Eaton (formerly Cooper Bussmann)**. It belongs to the SDQ series of dual-winding, shielded drum core inductors.
Below is a detailed breakdown of its electronic specifications and characteristics.
### 1. Key Technical Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Inductance** | 8.2 µH |
| **Tolerance** | ±20% |
| **Rated Current ($I_{sat}$)** | ~1.31 A (Saturation current) |
| **DC Resistance (DCR)** | ~0.115 Ω (Max) |
| **Configuration** | Dual Winding (Coupled Inductor) |
| **Shielding** | Magnetically Shielded |
| **Package Size** | SDQ12 (Approx. 5.2mm x 5.2mm x 1.2mm) |
---
### 2. Physical Structure and Design
* **Dual Winding:** The "Dual" nature means it contains two identical coils wound on a single ferrite core. This allows the part to be used in various configurations depending on how the pins are connected.
* **Low Profile:** The "12" in the part number indicates a height of approximately 1.2 mm, making it ideal for thin consumer electronics.
* **Shielded Construction:** The ferrite drum core is surrounded by a magnetic shield, which minimizes Electromagnetic Interference (EMI) and prevents the magnetic field from affecting nearby components.
---
### 3. Application Use Cases
Because it has two windings, the SDQ12-8R2-R is highly versatile:
1. **SEPIC Converters:** Used in Single-Ended Primary-Inductor Converters where two inductors are needed to allow the output voltage to be higher or lower than the input.
2. **1:1 Transformers:** Can be used as a flyback transformer for low-power isolated supplies.
3. **Series/Parallel Inductors:**
* **Series:** Connecting the two coils in series increases the total inductance (to ~32.8 µH).
* **Parallel:** Connecting them in parallel maintains 8.2 µH but increases the current carrying capacity.
4. **Common Mode Choke:** Used for filtering noise in power lines.
---
### 4. Part Number Decoder
Understanding the nomenclature helps in identifying variants:
| Segment | Meaning |
| :--- | :--- |
| **SDQ** | Series Name (Shielded Dual Winding) |
| **12** | Size/Height Code (1.2mm height) |
| **8R2** | Inductance Value (8.2 microhenries) |
| **-R** | RoHS Compliant |
---
- ⤷
What are the advantages of using a coupled inductor over two separate inductors in a SEPIC circuit?
- ⤷ How do I calculate the total inductance if I connect the SDQ12-8R2-R windings in series?
- ⤷ What is the maximum operating temperature for this Eaton SDQ series?