SDQ25-100-R
AI

## Technical Overview of SDQ25-100-R
The **SDQ25-100-R** is a high-performance, surface-mount (SMD), dual-winding shielded inductor manufactured by **Eaton (formerly Bussmann)**. It belongs to the **SDQ series**, which is specifically designed for applications requiring high power density and versatile configurations.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 10.0 µH (per winding) |
| **Current Rating (Irms)** | 1.83 Amperes |
| **Saturation Current (Isat)** | 2.58 Amperes |
| **DC Resistance (DCR)** | 0.0883 Ω (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Dimensions** | 5.2mm x 5.2mm x 2.5mm |
| **Termination** | Ferrite core with tin-plated copper |
---
### 2. Core Electronic Features
#### A. Dual Winding Versatility
The "Dual" nature means the part contains two separate coils on a single core. This allows the component to be used in three distinct ways:
1. **Series Connection:** Inductance becomes $4 \times L$ (40 µH).
2. **Parallel Connection:** Inductance remains $L$ (10 µH) but current capacity doubles.
3. **1:1 Transformer:** Can be used for SEPIC converters or isolation.
#### B. Magnetic Shielding
The component is magnetically shielded. This is critical for high-density PCB layouts because it minimizes **Electromagnetic Interference (EMI)**, preventing the inductor's magnetic field from affecting neighboring sensitive components.
#### C. High Power Density
Despite its small footprint ($5.2 \times 5.2$ mm), it manages relatively high saturation currents, making it ideal for compact DC-DC converters.
---
### 3. Common Applications
* **SEPIC Converters:** Frequently used in Single-Ended Primary-Inductor Converters where two inductors are needed.
* **Buck/Boost Converters:** Used as the primary energy storage element.
* **Common Mode Chokes:** Can be wired to filter noise out of power lines.
* **Battery Powered Devices:** Ideal for smartphones, tablets, and wearables due to the low profile (2.5mm height).
---
### 4. Circuit Symbol & Wiring
```text
Winding 1: Pins 1 --- 2
Winding 2: Pins 4 --- 3
[ Dot indicates Polarity/Start of Winding ]
```
- ⤷
How do you calculate the total inductance when connecting the SDQ25-100-R in series vs parallel?
- ⤷ What are the specific benefits of using a shielded inductor like the SDQ25 in EMI-sensitive designs?
- ⤷ Can this component be used as a 1:1 isolation transformer in low-power circuits?