SDQ25-471-R
AI

The **SDQ25-471-R** is a specific electronic component belonging to the **SDQ series** manufactured by Eaton (formerly Cooper Bussmann/Coiltronics). It is a high-power density, dual-winding toroidal inductor/transformer.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 470 µH (indicated by the code '471') |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~2.32 Ω (per winding) |
| **Isat (Saturation Current)** | ~0.34 A |
| **Irms (Heating Current)** | ~0.41 A |
| **Configuration** | Dual Winding (Can be series or parallel) |
| **Mounting Type** | Surface Mount (SMD) |
---
### 2. Key Features
* **Dual Winding Versatility:** The device contains two separate windings that can be connected in different ways:
* **Series:** For higher inductance (4x the base value).
* **Parallel:** For higher current capacity (2x the base value).
* **Transformer:** Used as a 1:1 ratio transformer or SEPIC inductor.
* **Magnetic Shielding:** The toroidal construction inherently provides low EMI (Electromagnetic Interference) radiation.
* **Small Footprint:** Designed for high power density in space-constrained PCB layouts.
* **RoHS Compliant:** The "-R" suffix indicates full compliance with environmental standards.
---
### 3. Applications
The SDQ25 series is commonly found in power management circuits, specifically:
* **SEPIC Converters:** Used as a coupled inductor in Single-Ended Primary-Inductor Converters.
* **Voltage Isolation:** Can act as a 1:1 transformer for providing isolated power rails.
* **Filtering:** High-frequency noise suppression in DC-DC converters.
* **Inductive Storage:** Energy storage for buck/boost regulators.
---
### 4. Part Number Breakdown
`SDQ25 - 471 - R`
* **SDQ25:** Series name and physical size (Approx. 5.2mm x 5.2mm x 2.5mm).
* **471:** Inductance code ($47 \times 10^1 = 470$ microhenries).
* **R:** RoHS compliant version.
- ⤷
How do you calculate the inductance when connecting the windings in series?
- ⤷ What are the physical dimensions of the SDQ25 package?
- ⤷ Can this part be used in automotive applications?