AI

## Overview of SDQ25-8R2-R
The **SDQ25-8R2-R** is a high-performance, surface-mount (SMD) dual-winding inductor, commonly known as a **Coupled Inductor**. It is manufactured by Eaton (formerly Bussmann/Coiltronics) as part of the SDQ series.
These components are unique because they consist of two separate coils wound on a single ferrite core, allowing them to be used as inductors, transformers, or for common-mode filtering.
---
### Technical Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Inductance** | 8.2 µH (Nominal) |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | ~2.01 Amps |
| **Saturation Current (Isat)** | ~2.54 Amps |
| **DC Resistance (DCR)** | ~0.0632 Ω (Max) |
| **Mounting Type** | Surface Mount (SMD) |
| **Dimensions** | 5.2mm x 5.2mm x 2.5mm |
| **Number of Windings** | 2 (Dual Winding) |
| **Core Material** | Ferrite |
---
### Key Electronic Features
1. **Dual Winding Versatility:**
* **Series Connection:** If the two coils are connected in series, the total inductance increases (approx. $4 \times L$).
* **Parallel Connection:** If connected in parallel, the inductance remains the same as a single coil, but the current-carrying capacity doubles.
2. **Magnetic Shielding:** The SDQ series is magnetically shielded, which minimizes Electromagnetic Interference (EMI) and prevents the magnetic field from affecting nearby components on the PCB.
3. **High Power Density:** Its compact 5.2mm footprint allows for high current handling in a small vertical profile (2.5mm height), making it ideal for space-constrained mobile or industrial electronics.
4. **1:1 Turns Ratio:** Since both windings have an equal number of turns, it is frequently used as a 1:1 isolation transformer or a SEPIC inductor.
---
### Common Applications
* **SEPIC Converters:** Used in Single-Ended Primary-Inductor Converters where two inductors are required to maintain a constant output voltage regardless of whether the input is higher or lower than the output.
* **Buck/Boost Converters:** Used as a coupled inductor to improve efficiency and reduce ripple.
* **Common Mode Chokes:** Used to filter out high-frequency noise in power lines.
* **Transformers:** Can function as 1:1 isolation or flyback transformers for low-power applications.
---
### Comparison: Series vs. Parallel Wiring
When integrating the SDQ25-8R2-R into a circuit, the wiring configuration significantly changes its behavior:
| Configuration | Inductance | Current Rating |
| :--- | :--- | :--- |
| **Parallel** | 8.2 µH | Higher Current (Double) |
| **Series** | 32.8 µH | Standard Current |
---
- ⤷
How do I calculate the total inductance when connecting these windings in series?
- ⤷ What are the specific advantages of using a coupled inductor in a SEPIC converter?
- ⤷ Can the SDQ25-8R2-R be used for galvanic isolation between two circuits?