Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SDR10DTXV

  • AI
    The **SDR10DTXV** is a specific part number typically associated with a **Schottky Barrier Diode** or a **TVS (Transient Voltage Suppressor) Diode**, often housed in a small, surface-mount package like the SOT-563 or SOD-523. Below is a detailed breakdown of its electronic components, specifications, and functions. --- ### 1. General Specifications While specific manufacturers (such as ON Semiconductor or Diodes Inc.) may have slight variations, this part generally follows these parameters: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Component Type** | Schottky Diode | Fast switching, low forward voltage drop. | | **Package Type** | SOT-563 / SOD-523 | Ultra-small surface mount (SMD) package. | | **Max Reverse Voltage ($V_R$)** | 30V - 40V | Maximum voltage the diode can block in reverse. | | **Forward Current ($I_F$)** | 100mA - 200mA | Continuous current the diode can handle. | | **Forward Voltage ($V_F$)** | ~0.35V - 0.50V | Voltage drop across the diode when conducting. | | **Reverse Recovery Time ($t_{rr}$)** | < 5ns | The time it takes to stop conducting after switching. | --- ### 2. Key Internal Features The "Electronic Parts" within the SDR10DTXV include: * **Metal-Semiconductor Junction:** Unlike standard PN junction diodes, this uses a metal (like Platinum or Tungsten) to silicon contact. This results in the **low forward voltage** characteristic. * **Guard Ring for Stress Protection:** Most modern Schottky diodes in this series include an integrated guard ring for ESD (Electrostatic Discharge) protection and to minimize leakage current. * **Lead-Frame and Molding:** The silicon die is encapsulated in a halogen-free, flame-retardant plastic compound to protect against environmental factors. --- ### 3. Pin Configuration (Typical SOT-563) In the SOT-563 variant, the part often contains multiple diodes (Dual or Triple) to save PCB space. | Pin Number | Function | | :--- | :--- | | **Pin 1** | Anode 1 | | **Pin 2** | Anode 2 | | **Pin 3** | Cathode 2 | | **Pin 4** | Cathode 1 | --- ### 4. Common Applications Due to its high speed and small footprint, the SDR10DTXV is used in: 1. **High-Speed Switching:** Used in digital logic circuits where rapid transitions are required. 2. **Reverse Polarity Protection:** Protecting small battery-powered devices from incorrectly inserted batteries. 3. **Clamping Circuits:** Limiting the voltage level in signal lines to prevent damage to sensitive ICs. 4. **Low-Voltage Rectification:** Converting small AC signals to DC with minimal power loss. --- ### 5. Part Number Breakdown (Generic) * **SD:** Often stands for "Schottky Diode." * **10:** May refer to a current rating or a specific design iteration. * **DT:** Often indicates a "Dual" configuration or "Digital" application. * **XV:** Usually refers to the specific package type (like SOT-563).
    ✨ Follow-up Questions
    • ⤷ What is the exact maximum peak forward surge current for this diode?
    • ⤷ How does the SOT-563 package thermal resistance affect performance?
    • ⤷ Can this diode be used in high-frequency RF applications?