SDR10JSMS
AI

Based on the part number **SDR10JSMS**, this appears to be a specific identifier for a **Surface Mount Device (SMD)** power inductor, commonly used in power management circuits.
Below is a breakdown of the electronic specifications and characteristics typical for this series (often associated with manufacturers like Bourns or similar generic industrial standards).
---
## 1. Part Number Breakdown
While naming conventions can vary slightly by manufacturer, the code generally follows this structure:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **SDR** | Series Type | Standard SMD Power Inductor (Non-shielded or Semi-shielded). |
| **10** | Size Code | Indicates the physical dimensions (typically ~10mm diameter). |
| **J** | Tolerance | Indicates a $\pm$ 5% inductance tolerance. |
| **SMS** | Packaging/Finish | Surface Mount Standard / Lead-free finish. |
---
## 2. Technical Specifications
Inductors in the SDR10 series are designed for high-current applications where space is at a premium.
### Electrical Characteristics
* **Inductance Range:** Typically ranges from $1.0 \mu H$ to $1000 \mu H$ (specific value depends on the numbers following "SDR10").
* **Current Rating:** Capable of handling high saturation currents ($I_{sat}$) and RMS currents ($I_{rms}$).
* **DC Resistance (DCR):** Designed with low resistance to minimize power loss and heat generation.
### Physical Construction
* **Core Material:** Ferrite core for high-frequency performance.
* **Terminal Finish:** Sn/Ag/Cu (Lead-free).
* **Mounting:** SMD (Surface Mount Device) for automated PCB assembly.
---
## 3. Common Applications
These parts are integral to modern power electronics. Their primary roles include:
1. **DC-DC Converters:** Used as energy storage elements in buck, boost, or buck-boost regulators.
2. **Power Supplies:** Found in laptops, LED drivers, and telecommunications equipment.
3. **Filtering:** Used to filter out high-frequency noise in power lines to prevent electromagnetic interference (EMI).
4. **Consumer Electronics:** Used in televisions, video game consoles, and portable devices due to their compact size.
---
## 4. Key Advantages
* **High Energy Storage:** The ferrite core allows for high magnetic flux density.
* **Thermal Stability:** Designed to operate in environments ranging from $-40^\circ C$ to $+125^\circ C$.
* **Reliability:** Robust construction suitable for reflow soldering processes.
- ⤷
What is the exact inductance value for the SDR10JSMS version?
- ⤷ How does an unshielded SDR inductor compare to a shielded (SRR) inductor in terms of EMI?
- ⤷ What are the footprint dimensions for the SDR10 series inductors?