Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SDTX-650-R

  • AI
    The **SDTX-650-R** is a high-performance, differential pressure transmitter typically used in industrial automation, HVAC systems, and cleanroom monitoring. It is designed to measure the pressure difference between two points and convert that physical value into an electrical signal. --- ### Core Electronic Components and Features The device integrates several key electronic subsystems to ensure accuracy and stability. | Component | Function | | :--- | :--- | | **Piezoresistive Sensor** | The heart of the unit; converts mechanical pressure into a micro-voltage electrical signal. | | **Signal Conditioner** | An internal ASIC that amplifies the weak sensor signal and compensates for temperature drift. | | **A/D Converter** | High-resolution Analog-to-Digital converter that processes the signal for the microprocessor. | | **Output Circuitry** | Generates the standard industrial signal (typically 4-20mA or 0-10V). | | **Terminal Block** | Provides secure connection points for power supply and signal wiring. | --- ### Key Technical Specifications From an electronics perspective, the SDTX-650-R is defined by its electrical interface and power requirements: * **Supply Voltage:** Usually operates on **24V DC/AC** (standard for industrial control panels). * **Output Signal:** Selectable output modes (Current: 4-20mA; Voltage: 0-5V or 0-10V). * **Response Time:** Electronically dampened to filter out noise, typically < 500ms. * **Accuracy:** High precision (±0.5% to ±1.0% FS) achieved through digital calibration. --- ### Electrical Wiring Diagram (General Logic) When integrating the SDTX-650-R into a system (like a PLC or BMS), the following wiring logic is used: ```mermaid graph LR A[Power Supply 24V] --> B[SDTX-650-R V+] C[Common/Ground] --> D[SDTX-650-R COM] E[SDTX-650-R OUT] --> F[PLC/Controller Input] ``` ### Safety and Protection The electronic board is usually protected by: 1. **Reverse Polarity Protection:** Prevents damage if the power wires are swapped. 2. **Overvoltage Protection:** Shields internal components from voltage spikes in the supply line. 3. **EMI/RFI Shielding:** Reduces interference from nearby high-frequency equipment.
    ✨ Follow-up Questions
    • ⤷ What is the maximum pressure range supported by the SDTX-650-R?
    • ⤷ Does this model support Modbus RTU digital communication?
    • ⤷ How do you calibrate the zero-point on this specific transmitter?