Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SE2528L-R

  • AI
    ## Overview of the SE2528L-R The **SE2528L-R** is a highly integrated Power Amplifier (PA) designed specifically for **IEEE 802.11b/g/n** WLAN (Wi-Fi) applications. It is part of the Skyworks (formerly SiGe Semiconductor) product line, optimized for 2.4 GHz frequency bands. ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 2.4 GHz to 2.5 GHz | | **Output Power (802.11g)** | +18 dBm @ 3% EVM | | **Output Power (802.11b)** | +23 dBm (meets ACPR mask) | | **Gain** | 32 dB (Typical) | | **Supply Voltage (Vcc)** | 3.0V to 5.0V | | **Package Type** | 8-pin QFN (2mm x 2mm x 0.9mm) | --- ### Core Electronic Components & Architecture The SE2528L-R integrates several critical stages into a single silicon die to reduce the Bill of Materials (BOM) for hardware engineers: #### 1. Three-Stage Power Amplifier The device uses a three-stage design to achieve high gain (32 dB). This allows the chip to take a very low-power input signal from a Wi-Fi chipset and amplify it to a level suitable for antenna transmission without requiring additional external gain blocks. #### 2. Power Detector It features an integrated **temperature-compensated power detector**. This component provides a DC voltage proportional to the RF output power. * **Purpose:** It allows the system's closed-loop power control to maintain consistent transmission levels regardless of temperature fluctuations or battery voltage drops. * **Dynamic Range:** It usually offers a 20 dB dynamic range. #### 3. Impedance Matching * **Input Matching:** The input is internally matched to 50 $\Omega$. * **Output Matching:** The output requires minimal external components to match to 50 $\Omega$, simplifying PCB layout. #### 4. Enable/Disable Function (EN Pin) The device includes a logic-level control pin. * **Power Save:** When the Wi-Fi is not transmitting, the EN pin can be pulled low to put the device into a low-current sleep state (typically < 10 $\mu$A). --- ### Typical Application Circuit Requirements While the SE2528L-R is highly integrated, it requires a few external passive components for optimal performance: ```markdown 1. Decoupling Capacitors: Placed on Vcc pins to filter high-frequency noise. 2. Inductors/Chokes: Used for DC biasing on the output stage. 3. Output Matching Network: Usually a combination of 2-3 capacitors and inductors to minimize signal reflection. ``` ### Advantages for Design Engineers * **Small Footprint:** The 2x2mm QFN package is ideal for mobile devices and small USB dongles. * **Direct Battery Connection:** Can operate directly from a lithium-ion battery (up to 5V). * **High Linearity:** Low Error Vector Magnitude (EVM) ensures high data rates (64QAM) are maintained. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the SE2528L-R?
    • ⤷ How does the power detector voltage correlate to the RF output power?
    • ⤷ What are the recommended thermal relief practices for the QFN package ground pad?