Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SE2545A23-R

  • AI
    ## Overview of the SE2545A23-R The **SE2545A23-R** is a highly integrated, dual-band (2.4 GHz and 5 GHz) **Front End Module (FEM)** manufactured by Skyworks Solutions. It is primarily designed for high-performance WLAN (Wi-Fi 802.11a/b/g/n) applications. --- ### Key Specifications Below are the technical electrical characteristics of the module: | Parameter | Specification | | :--- | :--- | | **Frequency Range (Low Band)** | 2.4 GHz – 2.5 GHz | | **Frequency Range (High Band)** | 4.9 GHz – 5.85 GHz | | **Supply Voltage (Vcc)** | 3.3V (Typical) | | **Output Power (802.11g)** | +18 dBm | | **Output Power (802.11a)** | +16 dBm | | **Package Type** | 30-pin LGA (5mm x 6mm x 0.9mm) | --- ### Integrated Electronic Components The "Front End Module" designation means it combines several discrete radio frequency (RF) components into a single chip. The SE2545A23-R includes: 1. **Power Amplifiers (PA):** * Separate PAs for the 2.4 GHz and 5 GHz bands to boost the transmit signal. 2. **Low Noise Amplifiers (LNA):** * Optimizes receiver sensitivity, allowing the device to pick up weaker signals. 3. **Harmonic Filters:** * Integrated low-pass and high-pass filters to reduce interference and meet regulatory emission standards. 4. **RF Switches:** * Integrated SPDT (Single Pole Double Throw) switches to toggle between Transmit (TX) and Receive (RX) modes. 5. **Power Detector:** * A closed-loop power detection circuit for each band to provide accurate output power control. --- ### Pinout Configuration (Simplified) The module uses a Land Grid Array (LGA) interface. Key pin categories include: * **RF_IN / RF_OUT:** Separate ports for 2.4GHz and 5GHz signal paths. * **VCC:** Main power supply pins (typically 3.0V to 3.6V). * **VEN (Enable):** Logic pins to power down the device to save energy when not in use. * **DET:** Output voltage pins that correspond to the transmitted power level. * **GND:** The center paddle and specific pins must be grounded for thermal dissipation and RF shielding. --- ### Application Usage This component is commonly found in: * Dual-band Wi-Fi Routers and Access Points. * PC Cards and USB Dongles. * Embedded systems requiring high-speed wireless connectivity.
    ✨ Follow-up Questions
    • ⤷ What are the specific gain values for the LNA in the 5GHz band?
    • ⤷ How does the SE2545A23-R handle thermal dissipation in small enclosures?
    • ⤷ What are the recommended layout practices for the RF input/output traces of this FEM?