Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SE2559L20-R

  • AI
    ## Overview of the SE2559L20-R The **SE2559L20-R** is a specialized electronic component designed primarily for wireless networking applications. It is a highly integrated **Power Amplifier (PA)** module developed by Skyworks Solutions, specifically tailored for the 5 GHz WLAN (Wi-Fi) band. --- ### Technical Specifications Below are the primary technical parameters for the SE2559L20-R: | Feature | Specification | | :--- | :--- | | **Frequency Range** | 5.15 GHz to 5.85 GHz | | **Protocol Support** | IEEE 802.11a, 802.11n, 802.11ac | | **Supply Voltage (Vcc)** | 3.0V to 4.5V | | **Output Power (Pout)** | +18 dBm to +20 dBm (MCS7/MCS9) | | **Gain** | ~30 dB | | **Package Type** | QFN (16-pin, 3.0 x 3.0 x 0.9 mm) | | **Input/Output Matching** | 50 $\Omega$ internal matching | --- ### Key Electronic Components & Internal Architecture The SE2559L20-R is not just a single transistor; it is a **Front-End Module (FEM)** architecture that includes several sub-circuits: 1. **Three-Stage Power Amplifier:** * It utilizes a 3-stage design to achieve high gain (30dB). This allows it to take a very weak signal from a Wi-Fi chipset and amplify it significantly for transmission. 2. **Power Detector:** * It features an integrated temperature-compensated power detector. This allows the system to monitor the output power in real-time and adjust for variations in temperature or battery voltage to remain within regulatory limits. 3. **Harmonic Filter:** * Internal low-pass filtering is included to suppress harmonic emissions, ensuring the device complies with FCC and ETSI electromagnetic interference (EMI) standards. 4. **Enable/Disable Logic:** * Includes a digital "Enable" pin (typically 1.8V logic) that allows the system to power down the amplifier during receive cycles to save energy. --- ### Typical Application Circuit When integrating this part into a PCB, engineers typically follow this functional layout: ```mermaid graph LR A[Wi-Fi Chipset] -->|RF Input| B(SE2559L20-R) B -->|RF Output| C[Band Pass Filter] C --> D[Antenna] E[Power Management] -->|VCC 3.3V| B F[Baseband Processor] -->|EN/DET| B ``` --- ### Common Use Cases * **Access Points:** High-speed home and enterprise routers. * **Mobile Devices:** Tablets and laptops requiring 5GHz Wi-Fi connectivity. * **Streaming Hardware:** Smart TVs and media bridges requiring high-throughput 802.11ac signals.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'R' suffix in the SE2559L20-R part number?
    • ⤷ How does the 802.11ac standard affect the linearity requirements of this amplifier?
    • ⤷ What are the recommended thermal management techniques for this QFN package?