SE2571U-R
AI

## Overview of the SE2571U-R
The **SE2571U-R** is a high-performance **2.4 GHz Front-End Module (FEM)** developed by Skyworks Solutions. It is specifically designed for high-power 802.11b/g/n WLAN (Wi-Fi) applications. Its primary function is to amplify signals and manage the switching between transmit (TX) and receive (RX) modes within a wireless device.
---
### Core Components and Functionality
The SE2571U-R integrates several critical radio frequency (RF) components into a single, compact package:
| Component | Description |
| :--- | :--- |
| **Power Amplifier (PA)** | Amplifies the outgoing Wi-Fi signal to ensure maximum range and data rate. |
| **Power Detector** | Provides a closed-loop feedback mechanism to monitor and control output power accuracy. |
| **T/R Switch** | A Transmit/Receive switch that toggles the antenna between the PA (transmit) and the LNA/Radio (receive). |
| **Harmonic Filter** | Suppresses unwanted frequencies to comply with FCC/ETSI electromagnetic interference regulations. |
---
### Key Technical Specifications
The performance of the SE2571U-R is characterized by its high linear output power and efficiency.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Frequency Range** | 2.4 GHz - 2.5 GHz |
| **Output Power (802.11g)** | +23 dBm @ 3% EVM |
| **Output Power (802.11b)** | +26 dBm (Mask compliant) |
| **Supply Voltage (VCC)** | 3.3V to 5.0V |
| **Gain** | ~28 dB |
| **Package Size** | 3mm x 3mm x 0.9mm (QFN) |
---
### Application Usage
This part is typically found in hardware that requires long-range or robust 2.4 GHz Wi-Fi connectivity:
* **Access Points / Routers:** To provide wide coverage across homes or offices.
* **Outdoor Units:** Due to its high power output capabilities.
* **PC Cards / USB Dongles:** Its small form factor allows for integration into portable devices.
---
### Pin Configuration (General Logic)
```yaml
Pin Type:
- VCC: Power supply for the amplifier stages.
- VDET: Output voltage proportional to the RF output power.
- TXEN: Enable pin for the Transmit path.
- RX: Port connected to the Receiver chain.
- ANT: Port connected to the system antenna.
```
- ⤷
What are the power consumption characteristics of the SE2571U-R during active transmission?
- ⤷ How does the Power Detector (VDET) pin assist in temperature compensation?
- ⤷ What are the recommended thermal management practices for this QFN package?