Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SE2574BL-R

  • AI
    ## Technical Overview of the SE2574BL-R The **SE2574BL-R** is a high-performance, integrated **2.4 GHz Power Amplifier (PA)** designed specifically for IEEE 802.11b/g/n WLAN applications. It is manufactured by Skyworks Solutions and is a staple component in mobile devices, routers, and IoT hardware. --- ### 1. Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Frequency Range** | 2.4 GHz to 2.5 GHz | | **Output Power (802.11g)** | +18 dBm @ 3% EVM | | **Output Power (802.11b)** | +21 dBm (Mask Compliant) | | **Gain** | 28 dB (Typical) | | **Operating Voltage** | 3.0V to 3.6V | | **Package Type** | 8-pin QFN (2.0mm x 2.0mm x 0.9mm) | --- ### 2. Internal Functional Blocks The device integrates several critical electronic functions into a single silicon-germanium (SiGe) die: 1. **Three-Stage Amplifier:** Provides high gain (28dB) to boost weak input signals from the baseband processor to the levels required for antenna transmission. 2. **Power Detector:** An integrated "closed-loop" monitoring circuit that provides a DC voltage proportional to the output power. This allows the system to adjust gain dynamically. 3. **Input/Output Matching:** The chip includes internal circuitry to match impedance to 50 ohms, reducing the need for complex external tuning components. 4. **Enable Pin (EN):** A digital logic pin that allows the system to power down the amplifier when not transmitting, significantly saving battery life. --- ### 3. Application Circuit Considerations When designing with the SE2574BL-R, engineers typically focus on three areas: * **Thermal Management:** Because it is a power amplifier, the center pad (GND) must be soldered to a large ground plane with multiple vias to dissipate heat. * **Decoupling:** High-frequency bypass capacitors (typically 10pF and 1µF) are required on the $V_{CC}$ lines to prevent noise from entering the RF path. * **Harmonic Filtering:** While the chip has internal matching, an external Low Pass Filter (LPF) is often used before the antenna to meet FCC/CE regulatory requirements regarding harmonic emissions. --- ### 4. Common Use Cases * **Mobile Handsets:** Due to its ultra-small 2x2mm footprint. * **PCMCIA Cards / USB Dongles:** Where space and power efficiency are critical. * **Access Points:** As a final stage driver for 2.4GHz Wi-Fi.
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of using SiGe (Silicon Germanium) in this amplifier compared to GaAs?
    • ⤷ How does the Power Detector (Vdet) pin interface with a microcontroller?
    • ⤷ What is the typical current consumption in 'Deep Sleep' or Power-Down mode?