SE25P-DR10
AI

The **SE25P-DR10** is not an electronic component in the sense of a semiconductor (like an IC or transistor), but rather a critical **electromechanical protection component**. It is a **Braided Expandable Sleeving** manufactured by **Panduit**.
Below is a detailed breakdown of its specifications and electronic applications.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Panduit |
| **Part Number** | SE25P-DR10 |
| **Material** | Polyethylene Terephthalate (PET) |
| **Nominal Diameter** | 0.25 inches (6.4 mm) |
| **Color** | White |
| **Flammability Rating** | UL94V-0 (Flame Retardant) |
| **Temperature Range** | -70°C to 125°C (-94°F to 257°F) |
| **Compliance** | RoHS Compliant, CSA Certified |
---
### 2. Key Electronic Functions
While it does not process signals, the SE25P-DR10 serves three vital roles in electronic systems:
* **Abrasion Protection:** It protects delicate wiring harnesses and cables from sharp edges, friction, and vibration within electronic enclosures or industrial machinery.
* **Cable Management (Bundling):** It provides a clean, organized way to group multiple wires together, which improves airflow within a chassis—a critical factor for thermal management in electronics.
* **Expansion Capability:** The "expandable" nature of the PET weave allows it to fit over large connectors or plugs and then shrink back to fit snugly around the wire bundle.
---
### 3. Material Properties
The use of **PET (Polyethylene Terephthalate)** is significant in electronics for the following reasons:
1. **Chemical Resistance:** It is resistant to common cleaning solvents and chemicals found in industrial environments.
2. **Dielectric Strength:** While used for mechanical bundling, PET acts as a secondary insulator.
3. **Low Moisture Absorption:** It does not trap moisture, which prevents corrosion or short circuits in high-humidity electronic environments.
---
### 4. Installation & Usage
To use the SE25P-DR10 effectively in an electronic assembly:
* **Cutting:** It should ideally be cut with a **hot knife** to sear the edges and prevent the PET braid from fraying.
* **Sizing:** Since it is a 0.25" sleeve, it typically expands to roughly 1.5 to 2 times its nominal diameter to accommodate large headers or D-Sub connectors.
---
- ⤷
What are the main differences between PET and Nylon braided sleeving?
- ⤷ How does the UL94V-0 flammability rating impact electronic safety standards?
- ⤷ What tools are recommended for terminating the ends of the SE25P-DR10?