SE2613T-R
AI

## Overview of the SE2613T-R
The **SE2613T-R** is a high-performance **2.4 GHz Front-End Module (FEM)** developed by Skyworks Solutions. It is specifically designed for IEEE 802.11b/g/n WLAN (Wi-Fi) applications. Its primary function is to integrate multiple radio frequency (RF) components into a single, compact package to save space and improve performance in mobile devices and routers.
---
### Core Components & Architecture
The SE2613T-R integrates several critical electronic stages into one chip:
| Component | Function |
| :--- | :--- |
| **Power Amplifier (PA)** | Boosts the transmit signal to the required level for antenna broadcast. |
| **Low Noise Amplifier (LNA)** | Amplifies weak incoming signals while minimizing added noise. |
| **Transmit/Receive (T/R) Switch** | Switches the antenna connection between the transmit and receive paths. |
| **Power Detector** | Provides a closed-loop feedback mechanism to monitor and control output power. |
| **Harmonic Filter** | Suppresses unwanted frequencies to ensure regulatory compliance. |
---
### Key Technical Specifications
| Parameter | Value / Range |
| :--- | :--- |
| **Frequency Range** | 2.4 GHz to 2.5 GHz |
| **Operating Voltage** | 3.0V to 3.6V |
| **Output Power (802.11g)** | ~18 dBm |
| **Gain (Transmit)** | ~28 dB |
| **LNA Gain (Receive)** | ~12 dB |
| **Package Type** | QFN (16-pin, 3.0mm x 3.0mm) |
---
### Circuit Features
1. **LNA with Bypass:**
The integrated LNA includes a "Bypass Mode." This allows the device to reduce power consumption when the incoming signal is strong enough that amplification isn't necessary.
2. **Logic Control:**
The device uses CMOS-compatible control logic. It typically requires only two or three digital pins to toggle between Transmit, Receive, and Bluetooth (if shared) modes.
3. **Impedance Matching:**
The input and output are internally matched to **50 Ohms**, which significantly simplifies the PCB design by reducing the need for external inductors and capacitors.
---
### Application Usage
The SE2613T-R is commonly found in:
* Smartphones and Tablets.
* PCMCIA cards and USB Dongles.
* Access Points and Routers.
* Embedded Wi-Fi modules for IoT devices.
- ⤷
What are the pinout configurations for the SE2613T-R?
- ⤷ How does the power detector output relate to the transmit power?
- ⤷ What are the specific thermal management requirements for this FEM?