AI

The **SE38P-DR10** is a specific part number within the **Panduit Braided Expandable Sleeving** product line. While it is technically a mechanical component used in electronics, it plays a critical role in wire management and electromagnetic interference (EMI) protection strategies.
---
### 1. Technical Specifications
The SE38P-DR10 is a "polyethylene terephthalate" (PET) braided sleeve. Below are the key technical parameters:
| Feature | Specification |
| :--- | :--- |
| **Nominal Diameter** | 0.38 inches (9.5 mm) |
| **Material** | Polyethylene Terephthalate (PET) |
| **Color** | Black |
| **Flame Retardancy** | UL94V-0 (High Safety Grade) |
| **Temperature Range** | -70°C to 125°C (-94°F to 257°F) |
| **Expansion Ratio** | Up to 150% of nominal diameter |
---
### 2. Electronic Applications
Although the part is a sleeve, it is used in electronic systems for several specific reasons:
* **Abrasion Protection:** It protects sensitive electronic signal wires from friction and mechanical wear, which prevents short circuits caused by insulation failure.
* **Cable Bundling:** It organizes complex wire harnesses inside server racks, control panels, and industrial machinery, reducing "electronic noise" clutter and improving airflow for cooling.
* **Chemical Resistance:** It is resistant to common electronic cleaning solvents and fuels, ensuring the longevity of the wiring in harsh environments.
* **Easy Termination:** The "DR" designation often refers to the "Double Rod" or specific density of the weave, allowing it to be cut with a hot knife to prevent fraying at the connection points of electronic terminals.
---
### 3. Material Properties (PET)
The use of PET in the SE38P-DR10 is significant for electronics due to its dielectric properties:
```json
{
"material_properties": {
"dielectric_strength": "High",
"moisture_absorption": "Low (<0.08%)",
"flexibility": "High",
"halogen_free": "Yes"
}
}
```
---
### 4. Installation Guidelines
To ensure the sleeve performs correctly in an electronic assembly:
1. **Expansion:** Slide the sleeve over the wires; the braid will expand to fit over bulky connectors (like D-Sub or USB).
2. **Cutting:** Use a **hot knife** to melt the ends. This prevents the braid from unravelling over time.
3. **Securing:** Use heat shrink tubing or cable ties at both ends to secure the sleeve to the wire harness.
- ⤷
What is the maximum expansion diameter for the SE38P-DR10?
- ⤷ How does the UL94V-0 rating affect its use in consumer electronics?
- ⤷ What are the differences between PET and Metal Braided sleeving for EMI?