Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SE5510T-R

  • AI
    ## Overview of the SE5510T-R The **SE5510T-R** is a highly integrated, dual-band Front-End Module (FEM) designed primarily for wireless LAN (WLAN) applications, specifically following the **IEEE 802.11a/b/g/n** standards. It is developed by Skyworks Solutions. --- ### 1. Key Internal Components The SE5510T-R combines several critical electronic functions into a single compact package to save PCB space: | Component | Function | |:---|:---| | **Power Amplifiers (PA)** | Increases the signal strength for transmission at both 2.4GHz and 5GHz. | | **Low Noise Amplifiers (LNA)** | Amplifies weak incoming signals while adding minimal noise. | | **Switches (SPDT/SP3T)** | Manages the signal path between Transmit (TX), Receive (RX), and the antenna. | | **Power Detectors** | Provides feedback on output power for accurate closed-loop control. | | **Diplexer** | Separates/combines the 2.4GHz and 5GHz signal paths. | --- ### 2. Technical Specifications Below are the typical operating parameters for this module: | Parameter | Specification | |:---|:---| | **Frequency Range** | 2.4 – 2.5 GHz and 4.9 – 5.85 GHz | | **Supply Voltage** | 3.0V to 4.8V | | **Output Power (802.11g)** | ~18 dBm @ <3.0% EVM | | **Output Power (802.11a)** | ~16 dBm @ <3.0% EVM | | **Package Type** | QFN (Quad Flat No-lead) | | **Package Size** | 3mm x 4mm x 0.9mm | --- ### 3. Pin Configuration and Integration The device is designed for ease of use with standard CMOS transceivers. * **Logic Control:** It features digital logic pins to switch between different modes (2.4G TX, 5G TX, 2.4G RX, 5G RX). * **Impedance Matching:** The module typically includes internal matching to 50 $\Omega$, reducing the need for external surface-mount devices (SMDs). * **Thermal Management:** The center pad of the QFN package must be soldered to the ground plane to act as a heat sink. --- ### 4. Typical Applications * Access Points and Routers. * Laptops and Mobile Computing. * PC Cards and USB Dongles. * Set-top Boxes and Home Entertainment Systems. --- ### 5. Implementation Example When designing a circuit with the SE5510T-R, the layout usually follows this basic logic: ```mermaid graph LR A[Transceiver] -- 2.4/5GHz RF --> B(SE5510T-R) C[Power Management] --> B D[MCU/Logic Control] --> B B -- Combined RF Path --> E[Antenna] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for the SE5510T-R in sleep mode?
    • ⤷ How does the SE5510T-R compare to more modern Wi-Fi 6 (802.11ax) front-end modules?
    • ⤷ What are the recommended layout constraints for the RF traces connected to this chip?