AI

The **SE75P-DR10** is a specific model of **Expandable Braided Sleeving** manufactured by **Panduit**. It falls under the "Electronic Parts" category as a cable management and protection component.
---
### 1. Technical Specifications
Below are the primary physical and material characteristics of the SE75P-DR10:
| Feature | Specification |
| :--- | :--- |
| **Material** | Polyethylene Terephthalate (PET) |
| **Nominal Diameter** | 0.75 inches (19.1 mm) |
| **Color** | Black |
| **Flame Rating** | UL94V-2 |
| **Temperature Range** | -94°F to 257°F (-70°C to 125°C) |
| **Expansion Range** | 0.50" to 1.25" |
---
### 2. Key Electronic & Mechanical Functions
The SE75P-DR10 serves several critical roles in electronic assemblies:
* **Abrasion Protection:** The braided PET construction provides a tough, durable shield that protects sensitive wires and cables from mechanical wear, friction, and "chaffing" against sharp edges inside enclosures.
* **Cable Bundling:** It is used to organize multiple loose wires into a single, cohesive harness. This improves airflow within electronic racks or PC builds, preventing hotspots.
* **Flexibility:** Unlike rigid conduit, this sleeving is highly flexible, making it ideal for applications involving moving parts (like robotics) or tight bends within a chassis.
* **Expansion Capability:** The "braided" weave allows the sleeve to expand significantly (up to 1.25") to fit over large connectors and then contract to sit snugly around the wire bundle.
---
### 3. Standards and Compliance
For industrial and electronic design, compliance is essential. The SE75P-DR10 meets the following:
1. **RoHS Compliant:** Does not contain restricted hazardous substances.
2. **UL Recognized:** Component recognized by Underwriters Laboratories (File E116868).
3. **Halogen-Free:** Does not release toxic halogen gases if exposed to high heat or fire, which is a requirement for many data center and aerospace applications.
---
### 4. Installation Note
Because this part is made of braided PET, it is highly recommended to cut it using a **Hot Knife**. Cutting with standard scissors will cause the ends of the braid to fray, which can compromise the integrity of the protection.
- ⤷
What are the chemical resistance properties of PET braided sleeving?
- ⤷ How does the SE75P-DR10 compare to the flame-retardant 'SE75PFR' version?
- ⤷ Are there specific tools recommended for terminating the ends of this sleeving?