SEI-RNF_RNMF
AI

### SEI RNF and RNMF Series Resistors
The **RNF** (General Purpose) and **RNMF** (Miniature) series from **Stackpole Electronics, Inc. (SEI)** are high-quality metal film resistors. They are designed for precision applications where stability and reliability are required in a leaded (through-hole) format.
---
### 1. Key Technical Specifications
The following table highlights the primary differences and commonalities between the standard RNF and the miniature RNMF series.
| Feature | RNF (Standard) | RNMF (Miniature) |
| :--- | :--- | :--- |
| **Material** | Metal Film | Metal Film |
| **Size** | Standard Through-hole | Reduced Size (Smaller Footprint) |
| **Power Rating** | 0.125W to 2W | 0.125W to 1W |
| **Tolerance** | ±0.1% to ±5% | ±0.1% to ±5% |
| **Temp. Coefficient** | ±25 to ±100 ppm/°C | ±25 to ±100 ppm/°C |
| **Voltage Range** | 200V to 500V | 200V to 350V |
---
### 2. Physical Characteristics
- **Construction:** A thin film of metal alloy is vacuum-deposited onto a high-grade ceramic rod. The body is typically coated with a flame-retardant epoxy.
- **Leads:** Tin-plated copper leads compatible with wave soldering and manual soldering.
- **Marking:** Color-coded bands represent the resistance value and tolerance.
---
### 3. Comparison: RNF vs. RNMF
The primary distinction lies in the **Power-to-Size ratio**:
1. **RNF Series:** These are the industry-standard sizes. They are used when board space is not the primary constraint but thermal dissipation and voltage handling are critical.
2. **RNMF Series:** These are "mini" versions. For example, an RNMF 1/4W resistor is roughly the same physical size as a standard RNF 1/8W resistor. This allows designers to save space on a PCB while maintaining a higher power rating.
---
### 4. Typical Applications
These resistors are found in a wide variety of electronic circuits, including:
* **Audio Equipment:** Low noise characteristics of metal film make them ideal for signal paths.
* **Medical Electronics:** High precision (0.1% tolerance) for sensing and monitoring.
* **Instrumentation:** Stable resistance over temperature changes (low TCR).
* **Power Supplies:** Used in feedback loops and voltage dividers.
---
### 5. Part Numbering Example
A typical SEI part number follows this structure:
`RNF 14 F T D 10K0`
* **RNF:** Series Name
* **14:** Power Rating (1/4 Watt)
* **F:** Tolerance (F = 1%)
* **T:** Packaging (T = Taped/Reeled)
* **D:** TCR (D = 50ppm)
* **10K0:** Resistance Value (10.0 kΩ)
- ⤷
What are the advantages of using metal film resistors over carbon film types?
- ⤷ How do I calculate the derating curve for an RNMF resistor in high-temperature environments?
- ⤷ Can these resistors be used in high-frequency RF applications?