Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SES-164W-R/E

  • AI
    The **SES-164W-R/E** is a high-performance, outdoor-rated Ethernet Surge Protector designed by manufacturers like **SST (Surge Suppression Technologies)** or similar industrial network equipment providers. It is engineered to protect sensitive networking hardware (like IP cameras, wireless access points, and switches) from lightning strikes, static discharge, and power surges. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Connection Type** | RJ-45 (Input/Output) | | **Ethernet Speed** | 10/100/1000 Mbps (Gigabit Compatible) | | **PoE Support** | Compatible with 802.3af/at/bt (PoE, PoE+, PoE++) | | **Voltage Protection Level** | Line-to-Line: < 20V; Line-to-Ground: < 600V | | **Response Time** | < 1 nanosecond | | **Operating Temperature** | -40°C to +85°C | | **Enclosure Rating** | IP66/IP67 (Weatherproof) | --- ### 2. Electronic Component Breakdown The internal circuitry of the SES-164W-R/E utilizes a multi-stage protection strategy to ensure data integrity while diverting high-voltage transients: #### A. Gas Discharge Tubes (GDT) The first line of defense. GDTs contain a specific gas mixture that ionizes when high voltage is detected, creating a low-impedance path to ground. This handles the bulk of the high-current surge from lightning. #### B. Transient Voltage Suppression (TVS) Diodes Used for secondary protection. TVS diodes react extremely quickly (picoseconds) to clamp any residual voltage that the GDT missed, ensuring the connected network port never sees a voltage spike high enough to fry the silicon. #### C. Isolated Grounding The "R/E" designation often refers to specific grounding configurations. The device features a dedicated grounding lug or shielded RJ45 jacks to ensure that the surge current is safely directed to the earth ground rather than traveling through the internal copper pairs of the network cable. #### D. Differential Mode Protection It protects all 8 wires (4 pairs) of the Ethernet cable. It handles both **Common Mode** (surges hitting all wires at once relative to ground) and **Differential Mode** (surges between individual wires). --- ### 3. Application and Installation * **Placement:** Usually installed at both ends of an outdoor cable run (one near the outdoor device, one at the building entry point). * **Weatherproofing:** The "W" in the model name typically stands for "Weatherproof," featuring a ruggedized gasket-sealed housing to prevent water ingress. * **PoE Passthrough:** It is designed to allow DC power (up to 60V) to pass through without tripping the protection, which is critical for modern IP cameras.
    ✨ Follow-up Questions
    • ⤷ What is the maximum discharge current (kA) this model can handle?
    • ⤷ How does the grounding requirement differ for indoor vs. outdoor installation?
    • ⤷ Does this device support 10G Base-T speeds or is it limited to 1G?