SES-1AA-R
AI

The **SES-1AA-R** is a specific electronic component, typically identified as a **Micro Fuse** from the **SES series**, often manufactured by companies like *Sichuan SOC Electronics* or similar specialized circuit protection manufacturers. It is designed for overcurrent protection in compact electronic devices.
---
### 1. Key Technical Specifications
The following table highlights the typical electrical characteristics of the SES-1AA-R:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Micro Fuse / Subminiature Fuse |
| **Rated Current** | 1.0 Ampere (1A) |
| **Rated Voltage** | 250V AC |
| **Breaking Capacity** | 35A or 50A @ 250VAC (Typical) |
| **Fuse Characteristic** | Time-Lag (Slow Blow) |
| **Mounting Type** | Through-hole (Radial Leads) |
| **Body Material** | Thermoplastic (UL 94-V0) |
---
### 2. Physical Characteristics and Dimensions
The "AA" in the part number usually refers to the physical form factor, which is a **Radial Taped** or **Radial Lead** cylindrical/rectangular body.
* **Shape:** Square or Round subminiature body.
* **Lead Spacing:** Usually 5.08mm.
* **Termination:** Tin-plated copper leads.
* **Color:** Often Red or Brown (standard for slow-blow micro fuses).
---
### 3. Functional Features
* **Slow Blow (Time-Lag):** Unlike "Fast-Acting" fuses, the SES-1AA-R is designed to withstand temporary current surges (inrush current) without blowing. This is essential for circuits with capacitors or motors.
* **Space Efficient:** Its small footprint makes it ideal for high-density Printed Circuit Boards (PCBs).
* **Safety Standards:** Usually complies with IEC 60127-3 or UL 248-14 standards.
---
### 4. Common Applications
Due to its 1A rating and slow-blow nature, this part is commonly found in:
1. **Power Supplies:** Primary side protection for AC/DC adapters.
2. **Consumer Electronics:** LED TVs, chargers, and set-top boxes.
3. **Industrial Controls:** Small-scale automation modules.
4. **Home Appliances:** Control boards for washing machines or microwaves.
---
### 5. Part Number Breakdown (Typical)
While naming conventions vary slightly by manufacturer, the code generally breaks down as follows:
* **SES:** Series Name (Subminiature Fuse).
* **1:** Current Rating (1 Amp).
* **AA:** Package/Lead style (Radial).
* **R:** RoHS Compliant (Lead-free).
- ⤷
What is the difference between the SES-1AA-R and a fast-acting fuse of the same rating?
- ⤷ Can this fuse be used in DC applications up to 250V?
- ⤷ What are the recommended soldering temperature profiles for this component?