SES-1BD-R
AI

The **SES-1BD-R** is a specific model of a **Magnetic Lock (Maglock) Bracket**, typically manufactured by companies like **SECO-LARM (Enforcer)**. It is designed for use with electromagnetic locks in access control systems.
Below is the technical breakdown of its electronic context and physical specifications.
---
## 1. Technical Overview
The SES-1BD-R is an **"L" and "Z" bracket kit**. In an electronic access control system, the electromagnetic lock itself is the active component, while the bracket provides the necessary mounting geometry for specific door types (usually in-swinging doors).
### Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Compatible Series** | SECO-LARM E-941SA series (300-lb / 600-lb range) |
| **Material** | High-strength Brushed Aluminum |
| **Bracket Type** | Z-Bracket (Adjustable) & L-Bracket |
| **Application** | In-swinging doors |
| **Coating** | Anodized finish (Corrosion resistant) |
---
## 2. Electronic Integration
While the bracket itself is passive (non-electronic), it is critical for the electronic operation of the lock for the following reasons:
### A. Magnetic Alignment
For an electromagnetic lock to hold its rated strength (e.g., 600 lbs), the **Armature Plate** must make perfectly flat contact with the **Electromagnet**. The SES-1BD-R provides the adjustment slots necessary to align these parts electronically. If misaligned, the "Bond Sensor" (an internal electronic hall-effect sensor) will report a "Door Unsecured" status to the controller.
### B. Wire Routing
The L-bracket portion typically includes pre-drilled holes to allow the power cables (12VDC or 24VDC) to pass from the door frame into the lock housing without pinching or exposing the wires.
---
## 3. Installation Components
The kit usually consists of three main pieces that work together to secure the electronic lock:
1. **L-Bracket:** Used to mount the electromagnet to the header of the door frame.
2. **Z-Bracket (2 pieces):** These bolt together to form a "Z" shape, mounting the armature plate to the door leaf.
3. **Hardware Pack:** Includes rubber washers (essential for the armature to "pivot" and self-align with the magnet) and hex bolts.
### Summary of Use Case
* **Out-swinging Door:** Usually requires only the standard mounting plate included with the lock.
* **In-swinging Door:** **Requires the SES-1BD-R kit** to place the armature plate on the pull-side of the door while the magnet remains on the frame.
---
- ⤷
Does this bracket kit include the electromagnetic lock itself or is it sold separately?
- ⤷ What is the maximum holding force supported by the SES-1BD-R bracket?
- ⤷ Are there specific wiring considerations when mounting a lock to a Z-bracket?