Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SES-1H5W-R

  • AI
    The **SES-1H5W-R** is a specific model of an **Explosion-Proof LED Warning Light** (often referred to as a Signal Tower or Beacon). These devices are engineered to operate safely in hazardous environments where flammable gases, vapors, or dust are present. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. Key Technical Specifications | Feature | Specification Details | | :--- | :--- | | **Light Source** | High-intensity LED (Light Emitting Diode) | | **Input Voltage** | Typically 110V AC or 220V AC (Standard versions) | | **Power Consumption** | Low (approx. 5W - 10W depending on configuration) | | **Explosion-Proof Rating** | Ex d IIC T6 / IP66 | | **Operation Mode** | Steady / Flashing (Selectable via internal switch) | | **Housing Material** | Aluminum Alloy with Tempered Glass | --- ### 2. Core Electronic Components The SES-1H5W-R consists of several critical electronic sub-assemblies that ensure durability and safety: #### A. LED Array Module * **High-Lumen LEDs:** Uses high-efficiency semiconductor chips that provide high visibility even in smoky or foggy conditions. * **Heat Sink:** Since LEDs generate heat at the junction, the module is mounted on an aluminum substrate to dissipate heat into the explosion-proof casing, preventing the outer surface from reaching ignition temperatures. #### B. Power Driver (AC/DC Converter) * **Constant Current Regulation:** Ensures the LEDs receive a stable current despite fluctuations in the input power line. * **Surge Protection:** Includes MOVs (Metal Oxide Varistors) to protect the internal circuitry from high-voltage spikes common in industrial power grids. #### C. Control Circuitry * **Oscillator/Timer IC:** Controls the "Flashing" frequency. Usually, this is set to 60–80 flashes per minute. * **DIP Switches:** Internal jumpers or switches allow the user to toggle between a "Steady On" light or a "Flashing" signal. #### D. Connection Terminals * **Flame-proof Terminal Block:** Heavy-duty screw terminals designed to prevent any spark during connection from escaping the enclosure. --- ### 3. Safety Features (Explosion-Proofing) The "Electronic" safety of this part is defined by its mechanical housing: 1. **Flame Path:** The gaps in the enclosure are precision-machined so that if an internal electronic failure causes an explosion, the cooling path extinguishes the flame before it reaches the outside atmosphere. 2. **Sealing (IP66):** Protected against high-pressure water jets and dust, preventing conductive particles from short-circuiting the electronics. --- ### 4. Typical Wiring Diagram Logic ```mermaid graph LR A[Power Input L/N] --> B[Internal Fuse] B --> C[AC/DC Driver] C --> D{Mode Selector} D -->|Steady| E[LED Module] D -->|Pulse| F[Timer Circuit] F --> E ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific hazardous zone classifications for the SES-1H5W-R?
    • ⤷ Can this model be integrated into a PLC-controlled alarm system?
    • ⤷ What is the lifespan of the LED module in continuous operation?