SES-2A5W-R/E
AI

The **SES-2A5W-R/E** is a professional-grade power component, typically categorized as a **DC/DC Converter** module. These parts are designed to regulate voltage levels within electronic systems, ensuring stability and isolation for sensitive components.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Key Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Isolated DC/DC Converter |
| **Output Power** | 5 Watts |
| **Output Voltage** | 5V DC |
| **Input Voltage Range** | Wide 2:1 Input (typically 18V - 36V or 36V - 75V depending on series) |
| **Mounting Type** | Through-Hole (PCB) |
| **Package/Case** | Compact SIP (Single In-line Package) or DIP |
| **Isolation Voltage** | Usually 1.5kV DC to 3kV DC |
---
### 2. Internal Electronic Parts & Functional Blocks
The "parts" inside this module consist of high-density surface-mount components (SMD) encapsulated in a protective resin. These include:
* **Switching Controller (IC):** The "brain" that uses Pulse Width Modulation (PWM) to manage power conversion efficiency.
* **Transformer:** Provides galvanic isolation between the input and output circuits, preventing electrical noise or faults from traveling through the system.
* **Schottky Diodes:** Used for rectification on the output side to convert AC pulses from the transformer back into DC.
* **Capacitors (MLCC & Tantalum):** Integrated filters that reduce "Ripple and Noise," ensuring the output 5V is smooth and stable.
* **Feedback Optocoupler:** Maintains the output voltage accuracy by sending a signal back to the controller across the isolation barrier.
---
### 3. Suffix Meaning (R/E)
* **-R:** Generally indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards (Lead-free).
* **-E:** Often denotes "Enhanced" features, which may include extended operating temperature ranges (typically **-40°C to +85°C**) or higher efficiency ratings.
---
### 4. Typical Applications
These modules are used where a stable 5V rail is needed from a fluctuating battery or industrial power bus:
1. **Industrial Automation:** Powering sensors and microcontrollers.
2. **Telecommunications:** Providing localized power for logic gates.
3. **Data Acquisition:** Isolating sensitive analog-to-digital converters (ADCs) from noisy power supplies.
- ⤷
What are the specific pinout dimensions for the SES-2A5W-R/E?
- ⤷ How does the efficiency of this module change under light load conditions?
- ⤷ Can this converter be used in parallel for higher power output?