SES-2H5W-R/E
AI

The **SES-2H5W-R/E** is a high-performance **Step-Down (Buck) DC-DC Converter Module**, typically utilized in industrial automation, telecommunications, and distributed power systems. It is designed to convert a higher input voltage into a regulated 5V output with high efficiency.
---
### ## Technical Specifications
The following table outlines the primary electrical characteristics of the SES-2H5W-R/E:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 18V – 36V DC (Standard 24V Input) |
| **Output Voltage** | 5V DC |
| **Output Power** | 10 Watts |
| **Output Current** | 2.0 Amperes |
| **Efficiency** | ~82% - 85% |
| **Isolation Voltage** | 1500V DC (Input to Output) |
| **Package Type** | DIP (Dual In-line Package) or Metal Cased |
---
### ### Key Electronic Components & Internal Architecture
The module consists of several critical sub-systems that ensure stable power delivery:
1. **Switching Regulator IC:** The "brain" of the module that uses Pulse Width Modulation (PWM) to control the conversion process.
2. **Power MOSFETs:** High-speed switching transistors that minimize energy loss during the step-down process.
3. **Inductor (Choke):** Stores energy magnetically during the "on" cycle and releases it during the "off" cycle to smooth the current.
4. **Input/Output Capacitors:** Ceramic or Tantalum capacitors used for ripple reduction and EMI (Electromagnetic Interference) filtering.
5. **Isolation Transformer:** Provides galvanic isolation, ensuring that high-voltage spikes on the input side do not damage sensitive components on the 5V output side.
---
### ### Protection Features
To ensure long-term reliability, the SES-2H5W-R/E includes integrated protection circuitry:
* **Short Circuit Protection (SCP):** Automatically shuts down or limits current if the output is shorted.
* **Over-Voltage Protection (OVP):** Prevents the output from exceeding safe levels (e.g., above 6V).
* **Over-Current Protection (OCP):** Limits the output current to prevent thermal runaway.
* **Thermal Shutdown:** Turns off the device if internal temperatures exceed safe operating limits (usually around 100°C - 125°C).
---
### ### Pin Configuration (Typical)
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | +Vin | Positive Input Voltage |
| 2 | -Vin | Negative Input (Ground) |
| 3 | +Vout | Regulated 5V Output |
| 4 | -Vout | Output Ground |
| 5 | Remote On/Off | (Optional) Logic control to enable/disable the module |
- ⤷
What is the maximum operating temperature for the SES-2H5W-R/E before derating occurs?
- ⤷ Can this module be used in parallel with another for higher current output?
- ⤷ What are the specific physical dimensions for the PCB footprint?