SF1-R0075
AI

The **SF1-R0075** is a specific type of **Current Sense Resistor** (often referred to as a Shunt Resistor). It is widely used in power management, battery monitoring, and motor control circuits to measure current flow by monitoring the voltage drop across it.
---
## 1. Technical Specification Breakdown
The part number follows a standard industry naming convention for high-precision resistors.
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Current Sense Resistor | Surface Mount Device (SMD) |
| **Resistance Value** | 0.0075 $\Omega$ (7.5 m$\Omega$) | Very low resistance to minimize power loss |
| **Tolerance** | $\pm$1% (Typically) | High precision for accurate measurement |
| **Power Rating** | 1W to 3W (Series dependent) | Ability to dissipate heat during high current flow |
| **Temperature Coefficient** | $\pm$50 to $\pm$100 ppm/°C | Stability of resistance across temperature changes |
| **Package Size** | 2512 or similar | Large footprint to handle thermal dissipation |
---
## 2. Key Electronic Features
### A. Low Ohmic Value
With a resistance of only **7.5 milliohms**, this part is designed to be placed in series with a load. Because the resistance is so low, it creates a negligible voltage drop ($V = I \times R$), ensuring that the majority of the power reaches the intended load while still allowing a sensor to "read" the current.
### B. Metal Plate Technology
The "SF" series generally utilizes a **Metal Plate** or **Metal Alloy** construction rather than thick-film paste. This provides:
* Higher reliability under pulse conditions.
* Better thermal management.
* Lower parasitic inductance.
### C. Kelvin Connection Compatibility
While it may be a 2-terminal device, it is often used with a "4-wire" or Kelvin sensing layout on the PCB to eliminate the resistance of the copper traces from the measurement, ensuring only the 0.0075 $\Omega$ of the component is measured.
---
## 3. Typical Applications
1. **Battery Management Systems (BMS):** Monitoring the charge and discharge rates of Lithium-ion packs.
2. **DC-DC Converters:** Providing feedback for over-current protection (OCP).
3. **Motor Controllers:** Sensing the phase current to manage torque and speed.
4. **Power Inverters:** Measuring output current to ensure grid stability.
---
## 4. Basic Calculation Example
If you pass **10 Amperes** through the SF1-R0075:
* **Voltage Drop:** $10A \times 0.0075\Omega = 0.075V$ (75mV).
* **Power Dissipated:** $10A^2 \times 0.0075\Omega = 0.75W$.
*Note: Ensure your specific variant's wattage rating exceeds the calculated power dissipation to prevent component failure.*
- ⤷
What is the difference between this metal plate resistor and a standard thick-film resistor?
- ⤷ How do I calculate the thermal derating for the SF1-R0075 in a high-temperature environment?
- ⤷ Can you provide a PCB layout recommendation for 4-wire Kelvin sensing using this resistor?