Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SF103C

  • AI
    The **SF103C** is a high-performance, portable handheld frequency counter designed for testing and measuring radio frequency (RF) signals. It is widely used by radio technicians, hobbyists, and engineers to verify the output frequency and power of two-way radios (walkie-talkies). --- ## 1. Core Technical Specifications The internal electronic architecture is designed to handle a broad range of frequencies with high sensitivity. | Feature | Specification | | :--- | :--- | | **Frequency Range** | 2 MHz – 2.8 GHz | | **TCXO Resolution** | 2.5 ppm | | **Input Impedance** | 50 Ohm (BNC Connector) | | **Response Time** | 0.2s - 0.5s | | **Display Type** | TFT Color LCD (320 x 240) | | **Battery** | 3.7V Li-ion (Built-in) | --- ## 2. Key Electronic Components & Subsystems ### A. Frequency Processing Engine The heart of the SF103C is a high-speed **Microcontroller (MCU)** paired with a **Frequency Prescaler**. Because modern microprocessors cannot directly count cycles at 2.8 GHz, the prescaler divides the high-frequency input signal into a lower, manageable frequency that the MCU can accurately count. ### B. TCXO (Temperature Compensated Crystal Oscillator) Accuracy is maintained via a **TCXO**. Standard crystals drift as they heat up; the TCXO compensates for temperature changes, ensuring the frequency reading remains stable even after extended use or in outdoor environments. ### C. RF Input & Protection * **BNC Interface:** The standard 50-ohm input for antennas or direct cable connections. * **Attenuator Circuit:** The device includes internal circuitry to handle signal strength. However, it is sensitive; injecting high-wattage power directly without a dummy load or external attenuator can damage the internal RF front-end. ### D. Digital Signal Processing (DSP) Features The SF103C is more than a simple counter; its firmware provides several electronic measurement modes: 1. **DMR Decoding:** It can detect and distinguish between Analog and Digital (DMR) radio signals. 2. **Signal Strength Meter (RSSI):** Displays the power level of the incoming RF signal in dBm or bars. 3. **Gate Time Control:** Allows the user to adjust the sampling window (0.1s, 0.5s, 1s) to balance speed versus precision. --- ## 3. Power Management Section The device operates on a **3.7V Lithium-Ion battery system**. * **Charging IC:** Manages the 5V USB input to safely charge the Li-ion cell. * **Auto Power Off:** An electronic timer within the MCU helps preserve battery life by shutting down the TFT screen and processing logic after a period of inactivity. --- ## 4. Operational Summary When an RF signal enters the BNC port, it passes through the following electronic chain: 1. **Attenuation/Filtering:** Cleans the signal. 2. **Prescaling:** Divides the frequency. 3. **Counting:** The MCU counts pulses against the TCXO reference. 4. **Formatting:** The MCU converts binary data into a human-readable format. 5. **Rendering:** The data is sent to the TFT controller for display.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power input (in Watts) the SF103C can handle before requiring an external attenuator?
    • ⤷ How do I calibrate the SF103C if the frequency starts to drift?
    • ⤷ Can the SF103C decode CTCSS or DCS tones alongside the frequency?